Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 10Page - STMicroelectronics AN3093 Datasheet HTML 11Page - STMicroelectronics AN3093 Datasheet HTML 12Page - STMicroelectronics AN3093 Datasheet HTML 13Page - STMicroelectronics AN3093 Datasheet HTML 14Page - STMicroelectronics AN3093 Datasheet HTML 15Page - STMicroelectronics AN3093 Datasheet HTML 16Page - STMicroelectronics AN3093 Datasheet HTML 17Page - STMicroelectronics AN3093 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Efficiency and no-load measurements
AN3093
14/29
Doc ID16539 Rev 1
A proper design can help reduce the energy per switching cycle transferred to the
secondary and, consequently, no-load consumption. This can be done by increasing
RSENSE as much as possible and consequently, increasing the transformer's reflected
voltage, in order to achieve the CC setpoint according to Equation 4. Other design
considerations should be taken into account in designing the transformer.
For the purpose of reducing the switching losses, some consideration should also be given
to the transformer. The primary parasitic capacitance causes switch-on losses as it is fast-
charged each time the MOSFET is turned on and the charging current dissipates energy
within the MOSFET itself. Reducing this capacitance as low as possible, this type of loss is
minimized.
With reference to Equation 1, it is clear that a reduction of the PIN(MIN) can be achieved by
reducing, as much as possible, the primary inductance of the transformer (LP), (according to
other design considerations also).
In this case the energy per cycle sent to the secondary side is reduced, which means that
the bleeder resistor value increases, thus reducing the dissipation of the dummy load.
3.2
Five star charger energy rating
To help save energy, in November 2008 the world's five largest mobile phone makers
announced their own five star energy rating system to help consumers more easily identify
the most energy-efficient chargers.
The new rating system shows how much energy each charger uses when left plugged in.
Chargers are labeled with ratings from five stars for the most efficient chargers (
≤0.03 W), to
zero stars for those using the most energy in no-load mode (> 0.5 W).
Figure 10.
No-load consumption score chart
As shown in Table 6, the charger presented here meets the “four star rating”.
By optimizing the design, based on suggestions provided in Section 3.1, the input power
consumption can be reduced. Also, if a higher output voltage in no-load can be accepted,
the bleeder resistor value can be increased a bit more than the minimum value in Equation
3, thus achieving a further reduction in no-load consumption and helping to meet the “five
star rating”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com