Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics AN3093 Datasheet HTML 10Page - STMicroelectronics AN3093 Datasheet HTML 11Page - STMicroelectronics AN3093 Datasheet HTML 12Page - STMicroelectronics AN3093 Datasheet HTML 13Page - STMicroelectronics AN3093 Datasheet HTML 14Page - STMicroelectronics AN3093 Datasheet HTML 15Page - STMicroelectronics AN3093 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Efficiency and no-load measurements
AN3093
12/29
Doc ID16539 Rev 1
Figure 9.
Efficiency vs. output power
This adapter complies with the new EPA 2.0 standard for low voltage devices (VOUT < 6,
IOUT > 0.55 A). The minimum required efficiency for a 5 W SMPS is 68.2%. This value
should be calculated as the average of the efficiency at 25%, 50%, 75% and 100% of the
rated load.
The input power without load has also been measured and as indicated in Table 6, for both
115 VAC and 230 VAC.
The proposed adapter using the ALTAIR05T-800 meets the most restrictive worldwide
standards for efficiency and power consumption at no-load (European Code of Conduct,
adapter for mobile handheld battery-driven applications, starting from 1st January 2011: <
150 mW).
3.1
Standby optimization: tips for reducing standby
consumption
When light loaded or in no-load condition, most of the losses are switching losses, which are
almost proportional to the switching frequency. It should be considered that even if no
external load is connected to the power supply, some power needs to be processed in order
to sustain the operation of the ALTAIR05T-800 and some is also dissipated on the bleeder
resistor at the secondary side.
Basically, when the converter switches to burst mode operation, the lower the load, the lower
the average switching frequency. So, the burst mode operation of the ALTAIR05T-800
Table 6.
Standby consumption
VIN [V]
PIN [mW]
115 VAC
54 mW
230 VAC
75 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com