Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 20Page - STMicroelectronics AN3093 Datasheet HTML 21Page - STMicroelectronics AN3093 Datasheet HTML 22Page - STMicroelectronics AN3093 Datasheet HTML 23Page - STMicroelectronics AN3093 Datasheet HTML 24Page - STMicroelectronics AN3093 Datasheet HTML 25Page - STMicroelectronics AN3093 Datasheet HTML 26Page - STMicroelectronics AN3093 Datasheet HTML 27Page - STMicroelectronics AN3093 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Modes of operation
AN3093
24/29
Doc ID16539 Rev 1
A.2
Constant current operation
Figure 22 presents the principle used for controlling the average output current of the
flyback converter.
The output voltage of an auxiliary winding is used by a demagnetization block to generate
the control signal for the MOSFET switch Q1. A resistor (R) in series with it absorbs the
current VC/R, where VC is the voltage developed by capacitor CREF.
The flip-flop's output is high, as long as the transformer delivers current on the secondary
side (Figure 23).
If the value of the capacitor (C) is sufficiently high to consider the voltage VC as constant,
and the system works in DCM (this is the case because the IC is in QR mode), it is possible
to obtain the equation:
Equation 5
Where n is the primary-to-secondary turn ratio and VCREF = IREF x R.
Equation 5 shows that the average output current no longer depends on input or output
voltage, nor on the transformer inductance values. The parameters defining the output
current are the transformer ratio n and the sense resistor RSENSE, while the current
reference voltage VCREF (equal to IREF x R) is internally defined.
Figure 22.
Current control principle
I
OUT
n
2
---
V
CREF
R
SENSE
--------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com