Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3093 Datasheet HTML 1Page - STMicroelectronics AN3093 Datasheet HTML 2Page - STMicroelectronics AN3093 Datasheet HTML 3Page - STMicroelectronics AN3093 Datasheet HTML 4Page - STMicroelectronics AN3093 Datasheet HTML 5Page - STMicroelectronics AN3093 Datasheet HTML 6Page - STMicroelectronics AN3093 Datasheet HTML 7Page - STMicroelectronics AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN3093
Test board: design and evaluation
Doc ID16539 Rev 1
5/29
2
Test board: design and evaluation
A 5 W battery charger demonstration board based on ALTAIR05T-800 is now presented.
Table 1 summarizes the electrical specifications of the application. Table 2 provides the bill
of materials and Table 3 lists the transformer specifications. The electrical schematic is
shown in Figure 2 and the PCB layout in Figure 3 and Figure 4.
Table 1.
ALTAIR05T-800 demonstration board: electrical specification
Parameter
Value
Input voltage range (VIN)
90 - 265 VAC
Mains frequency (fL)
50 - 60 Hz
Maximum (rated) output power
5 W
Output
VOUT = 5 V ± 5%
IOUT = 0 to 1 A ± 7%
Vripple < 100 mV
Minimum switching frequency in normal mode
70 kHz
Target average efficiency (at POUT = 5 W, VIN = 90 - 264 VAC)> 70%
(1)
1.
Compliant with the EPA 2.0 standard for low voltage devices (VOUT < 6, IOUT > 0.55 A).
Maximum input power in standby
< 100 mW(2)
2.
Compliant with the European Code of Conduct, adapter for mobile handheld battery-driven applications,
starting from 1st January 2011.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com