Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 7Page - STMicroelectronics AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics AN3093 Datasheet HTML 10Page - STMicroelectronics AN3093 Datasheet HTML 11Page - STMicroelectronics AN3093 Datasheet HTML 12Page - STMicroelectronics AN3093 Datasheet HTML 13Page - STMicroelectronics AN3093 Datasheet HTML 14Page - STMicroelectronics AN3093 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN3093
Efficiency and no-load measurements
Doc ID16539 Rev 1
11/29
3
Efficiency and no-load measurements
The efficiency of the converter has been measured in different load and line voltage
conditions.
According to the Energy Star average active mode testing efficiency method, the efficiency
measurements have been performed at 25%, 50% and 75% and 100% of the rated output
power, at both 115 VAC and 230 VAC.
Table 4 and Table 5 show the results.
Table 4.
Efficiency at 115 VAC
Load [%]
IOUT [A]
VOUT [V]
POUT [W]
PIN [W]
Efficiency [%]
25
0.25
4.97
1.243
1.643
75.62
50
0.5
4.97
2.485
3.156
78.74
75
0.75
4.97
3.728
4.72
78.97
100
1
4.98
4.980
6.4
77.81
Average efficiency
77.79
Table 5.
Efficiency at 230 VAC
Load [%]
IOUT [A]
VOUT [V]
POUT [W]
PIN [W]
Efficiency [%]
25
0.25
4.98
1.245
1.88
66.22
50
0.5
4.97
2.485
3.349
74.18
75
0.75
4.98
3.735
4.838
77.22
100
1
4.99
4.99
6.326
78.88
Average efficiency
74.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com