Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3093 Datasheet HTML 15Page - STMicroelectronics AN3093 Datasheet HTML 16Page - STMicroelectronics AN3093 Datasheet HTML 17Page - STMicroelectronics AN3093 Datasheet HTML 18Page - STMicroelectronics AN3093 Datasheet HTML 19Page - STMicroelectronics AN3093 Datasheet HTML 20Page - STMicroelectronics AN3093 Datasheet HTML 21Page - STMicroelectronics AN3093 Datasheet HTML 22Page - STMicroelectronics AN3093 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN3093
V-I output characteristics and cable drop compensation
Doc ID16539 Rev 1
19/29
5
V-I output characteristics and cable drop
compensation
Figure 17 and Figure 18 show the V-I output characteristics at the PCB output connector,
measured at 115 VAC and 230 VAC mains input voltage.
Thanks to the self-supply of the ALTAIR05T-800, the output current can be regulated even
with an output voltage close to zero.
The IC is also equipped with a cable compensation function that compensates the output
voltage drop when a long cable is used, so ideally zero-load regulation can be achieved
even at the end of the cable.
Figure 19 shows the load regulation in CV mode when the CDC function is not used: the
voltage is tightly regulated at the end of the PCB connector, whereas at the end of the cable
it decreases proportionally to the output current.
Conversely, in Figure 20 the effect of the cable drop compensation is shown. The CV
setpoint is increased proportionally to the output current, in order to compensate the voltage
drop across the cable and maintaining the regulation at the end of the cable almost
constant.
Figure 17.
Output characteristic at 115 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com