Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3093 Datasheet HTML 1Page - STMicroelectronics AN3093 Datasheet HTML 2Page - STMicroelectronics AN3093 Datasheet HTML 3Page - STMicroelectronics AN3093 Datasheet HTML 4Page - STMicroelectronics AN3093 Datasheet HTML 5Page - STMicroelectronics AN3093 Datasheet HTML 6Page - STMicroelectronics AN3093 Datasheet HTML 7Page - STMicroelectronics AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Contents
AN3093
2/29
Doc ID16539 Rev 1
Contents
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Test board: design and evaluation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Efficiency and no-load measurements . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1
Standby optimization: tips for reducing standby consumption . . . . . . . . . 12
Design optimization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
3.2
Five star charger energy rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
4
Typical board waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
5
V-I output characteristics and cable drop compensation . . . . . . . . . . 19
6
Conclusion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Appendix A
Modes of operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
A.1
Constant voltage operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
A.2
Constant current operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
A.3
Current comparator speed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
A.4
Cable drop compensation block . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com