Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3093 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3093
Description  ALTAIR05T-800 5 W wide range CV-CC optoless adapter demonstration board
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3093 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3093 Datasheet HTML 1Page - STMicroelectronics AN3093 Datasheet HTML 2Page - STMicroelectronics AN3093 Datasheet HTML 3Page - STMicroelectronics AN3093 Datasheet HTML 4Page - STMicroelectronics AN3093 Datasheet HTML 5Page - STMicroelectronics AN3093 Datasheet HTML 6Page - STMicroelectronics AN3093 Datasheet HTML 7Page - STMicroelectronics AN3093 Datasheet HTML 8Page - STMicroelectronics AN3093 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
January 2011
Doc ID16539 Rev 1
1/29
AN3093
Application note
ALTAIR05T-800 5 W wide range CV-CC
optoless adapter demonstration board
1
Introduction
This application note describes the demonstration board of the all primary-sensing switching
regulator ALTAIR05T-800 and presents the results of its bench evaluation. The board
implements a 5 W (5 V / 1 A) wide range mains battery charger with constant
voltage/constant current.
The ALTAIR05T-800 combines a high-performance low-voltage PWM controller chip and
an 800 V, avalanche rugged power MOSFET in the same package.
The PWM chip is a quasi-resonant (QR) current mode controller IC specifically designed for
QR ZVS (zero-voltage switching at switch turn-on) flyback converters.
The device is capable of providing constant output voltage (CV) and constant output current
(CC) regulation using primary sensing feedback. This eliminates the need for the
optocoupler, the secondary voltage reference, as well as the current sensor, while
maintaining very accurate regulation.
Additionally, it is possible to compensate the voltage drop of the output cable, so as to
improve CV regulation on the externally accessible terminals.
Extremely low consumption under no-load conditions is ensured thanks to a controlled burst
mode operation that, along with the built-in high-voltage startup circuit and the low operating
current of the device, helps minimize residual input consumption. Although an auxiliary
winding is required in the transformer to correctly perform CV/CC regulation, the chip is
capable of powering itself directly from the rectified mains. This is useful especially during
CC regulation, where the flyback voltage generated by the winding drops. However, if ultra
low no-load input consumption is required to comply with the most stringent energy saving
recommendations, then the device needs to be powered via the auxiliary winding.
Figure 1.
Demonstration board picture
www.st.com


Similar Part No. - AN3093

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3090 STMICROELECTRONICS-AN3090 Datasheet
1Mb / 19P
Power saving and LED status detection using the STP16DPPS05 device
03-Dec-2009
AN3094 STMICROELECTRONICS-AN3094 Datasheet
364Kb / 8P
EVAL2293Q demonstration board
06-May-2010
AN3095 STMICROELECTRONICS-AN3095 Datasheet
3Mb / 55P
The STEVAL-ISV002V2 demonstration board is the same
08-Nov-2012
AN3099 STMICROELECTRONICS-AN3099 Datasheet
225Kb / 13P
IBIS models for signal integrity simulation of SPEAr3xx applications
04-Dec-2009
More results

Similar Description - AN3093

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
3.5W CV/CC Adapter using TNY264P
DI-18 POWERINT-DI-18 Datasheet
48Kb / 2P
Low Cost 2.75 W CV/CC Charger or Adapter
DI-19 POWERINT-DI-19 Datasheet
48Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-58 POWERINT-DI-58 Datasheet
366Kb / 2P
Low Cost 1.5 W CV/CC Charger or Adapter
DI-59 POWERINT-DI-59 Datasheet
366Kb / 2P
Low Cost 2.5 W CV/CC Charger or Adapter
DI-78 POWERINT-DI-78 Datasheet
458Kb / 2P
Low Cost 1.6 W CV/CC Charger/Adapter
logo
STMicroelectronics
AN2864 STMICROELECTRONICS-AN2864 Datasheet
1Mb / 29P
VIPER17L demonstration board with wide-range
12-Jul-2009
logo
MERITEK ELECTRONICS COR...
RT MERITEK-RT Datasheet
151Kb / 2P
Wide CV value range
logo
STMicroelectronics
STEVAL-ISA176V1 STMICROELECTRONICS-STEVAL-ISA176V1 Datasheet
266Kb / 5P
ALTAIR05T-800 5 W wide range CV-CC optoless adapter evaluation board
19-Oct-2015
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
CV/CC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com