Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3393 Datasheet(PDF) 61 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 57Page - STMicroelectronics AN3393 Datasheet HTML 58Page - STMicroelectronics AN3393 Datasheet HTML 59Page - STMicroelectronics AN3393 Datasheet HTML 60Page - STMicroelectronics AN3393 Datasheet HTML 61Page - STMicroelectronics AN3393 Datasheet HTML 62Page - STMicroelectronics AN3393 Datasheet HTML 63Page - STMicroelectronics AN3393 Datasheet HTML 64Page - STMicroelectronics AN3393 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
DocID018750 Rev 4
61/103
AN3393
Operation codes
103
This command affects or is affected by the following registers:
–
PRy: Program and Reset pointer addresses;
–
THRS1_y: Threshold 1 limit value.
6.2.9
OUTC (88h)
OUTC stands for output command. This command sets the outputs to the output registers.
The OUTC command has no parameters and it is an “Immediately executed” type.
An interrupt is triggered when the OUTC command is performed.
Actions:
1.
OUTSy is updated to the selected temporary mask value.
2.
Set output signal: STAT, bit INT_SMy = 1.
3.
If SETTy, bit P_DET = 1: PEAKy = 0.
This command affects or is affected by the following registers:
–
MASKy_A and MASKy_B: Axis mask filter values;
–
OUTSy: Output value of State Machine y;
–
STAT, bit INT_SMy: Interrupt indicator of State Program y;
–
SETTy, bit P_DET: Peak detection settings;
–
PEAKy: Peak output value;
–
PRy: Program and Reset pointer addresses.
6.2.10
OUTW (99h)
OUTW stands for “output command and acknowledge from host”.
This command performs output actions (like the OUTC command) generating an interrupt.
After that, the command waits for a host action before continuing the state machine
execution.
The host action is the reading of register OUTSy (5Fh / 7Fh).
This command has no parameters and it is an “Executed after trigger” type.
Actions;
1.
OUTSy is updated to selected temporary mask value.
2.
Set output signals:
–
STAT, bit INT_SMy = 1;
–
STAT, bit SYNCW = 1.
3.
Stop and wait\;
4.
Waits for reading of OUTSy register for release of interrupt information:
–
If OUTSy > 0 then wait for the releasing of the OUTSy register (State Machine y
waits for host actions).
5.
If OUTSy released, OUTSy == 0:
–
STAT, bit SYNCW = 0;
–
STAT, bit INT_SMy = 0.
6.
If SETTy, bit P_DET = 1: PEAKy = 0.
7.
Continue State Machine y execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com