Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3393 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 32Page - STMicroelectronics AN3393 Datasheet HTML 33Page - STMicroelectronics AN3393 Datasheet HTML 34Page - STMicroelectronics AN3393 Datasheet HTML 35Page - STMicroelectronics AN3393 Datasheet HTML 36Page - STMicroelectronics AN3393 Datasheet HTML 37Page - STMicroelectronics AN3393 Datasheet HTML 38Page - STMicroelectronics AN3393 Datasheet HTML 39Page - STMicroelectronics AN3393 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 103 page
background image
Register description
AN3393
36/103
DocID018750 Rev 4
Registers are read-only.
The TC1 counter can be used in State Machine 1 through the conditions defined in
Section 6.1. Registers TIM1_1 (54h-55h), TIM2_1 (52h-53h), TIM3_1 (51h), and TIM4_1
(50h) define the initial value of the Timer Counter 1.
4.37
OUTS1 (5Fh)
Output flags on axis for State Machine 1 management.
Read action of this register affects the interrupt release function.
After reading OUTS1, the value is set to default (00h).
For more information about output registers refer to Section 7.4.
4.38
ST2_X (60h-6Fh)
State Machine 2 code register ST2_X (X = 1-16).
State Machine 2 system register is composed of sixteen 8-bit registers. Each register can
contain an operational code, as described in Section 6.
4.39
TIM4_2 (70h)
8-bit unsigned initial value for Timer Counter 2 (7Dh-7Eh).
1LSb = 1/ODR.
Table 59. TC1_H default values
00000000
Table 60. OUTS1 register
P_X
N_X
P_Y
N_Y
P_Z
N_Z
P_V
N_V
Table 61. OUTS1 register description
P_X
0 = X+ not shown, 1 = X+ shown
N_X
0 = X- not shown, 1 = X- shown
P_Y
0 = Y+ not shown, 1 = Y+ shown
N_Y
0 = Y- not shown, 1 = Y- shown
P_Z
0 = Z+ not shown, 1 = Z+ shown
N_Z
0 = Z- not shown, 1 = Z- shown
P_V
0 = V+ not shown, 1 = V+ shown
N_V
0 = V- not shown, 1 = V- shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com