Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1105 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 2Page - STMicroelectronics AN1105 Datasheet HTML 3Page - STMicroelectronics AN1105 Datasheet HTML 4Page - STMicroelectronics AN1105 Datasheet HTML 5Page - STMicroelectronics AN1105 Datasheet HTML 6Page - STMicroelectronics AN1105 Datasheet HTML 7Page - STMicroelectronics AN1105 Datasheet HTML 8Page - STMicroelectronics AN1105 Datasheet HTML 9Page - STMicroelectronics AN1105 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
6/100
ST7 pCAN PERIPHERAL DRIVER
manages frame shaping and acknowledgment mechanisms, bus arbitration and checks the
formal correctness of the data transmitted and received.
The physical layer is only partly defined, and the user is free to choose the transmission me-
dium for example.
Figure 1. Layered architecture of CAN (ISO 11898 definition)
1.2 CAN FRAME
There are four different CAN frame types: Data frame, Error frame, Remote frame and
Overload frame
There are also two versions of the CAN protocol: 2.0A (or base format) and 2.0B (or extended
format). The 2.0B standard introduces an extended data frame with a longer identifier. Both
frame types coexist on a CAN 2.0B bus, and its nodes must be at least able to recognize and
acknowledge both.
We will only describe here the 2.0A format, or base format.
1.2.1 CAN Data Frame
The CAN Data frame is used for data transmission and contains the following fields:
s
A start of frame field, consisting of one bit.
s
A 12-bit arbitration field, including:
– An 11-bit identifier
Data Link Layer
Physical Layer
Logical Link Control
Acceptance filtering
Overload Notification
Recovery management
Medium Access Control
Data encapsulation/decapsulation
Frame coding (stuff/destuff)
Medium access management
Error detection
Error signaling
Acknowledgement
Serialization/Deserialization
Physical Layer Signaling
Bit encoding/decoding
Bit timing
Synchronization
Physical Medium Attachment
Driver/Receiver characteristics
Medium Dependent Interface
Connector
Fault confinement
(MAC-Layer Management
Entity)
Bus Failure Management
(PLS-Layer Management
Entity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com