Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1105 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 9Page - STMicroelectronics AN1105 Datasheet HTML 10Page - STMicroelectronics AN1105 Datasheet HTML 11Page - STMicroelectronics AN1105 Datasheet HTML 12Page - STMicroelectronics AN1105 Datasheet HTML 13Page - STMicroelectronics AN1105 Datasheet HTML 14Page - STMicroelectronics AN1105 Datasheet HTML 15Page - STMicroelectronics AN1105 Datasheet HTML 16Page - STMicroelectronics AN1105 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
13/100
ST7 pCAN PERIPHERAL DRIVER
– Two 11-bit filters and two 11-bit masks are used for hardware filtering with identifier/iden-
tifier-range definition. The masks define which bits of the filters are to be ignored and which
are to be tested. Any message whose identifier does not match will not be saved in the buff-
ers.
– The cell automatically enters Low Power mode after the reception of 20 recessive bits, or
Standby state on command.
– The pCAN peripheral can wake-up the ST7 microcontroller from HALT mode. See Section
2.1.3.2 "Waking-up from HALT Mode" to learn how.
– The CAN Error Confinement feature, as defined by the CAN protocol, is fully implement-
ed, with read-only access to the counters and maskable interrupts on state changes. Once
in Bus Off state, the cell automatically returns to Bus Active state if it has detected 128x11
recessive bits on the bus (see Section 2.1.3.1 "Controlling Status Changes"). See note on
Section 2.1.3.2 "Waking-up from HALT Mode" to see how the driver can provide you with full
control over the bus-off to bus-active transition.
– The three Send/Receive buffers, filters, masks and counters are mapped at a unique ad-
dress space, allowing efficient software access.
1.6.2 Cell Behaviour
In Standby state, the node monitors the bus in order to detect a dominant pulse that could gen-
erate an interrupt (See ST72511 datasheet p.112, Interrupt Control Register, SCIE bit).
When the RUN bit of the Control Status Register is set (See ST72511 datasheet p.113), the
cell leaves
standby mode. It then enters resynchronization mode before it really starts running.
If the WKPS bit of the Control/Status Register is set, then the cell will send a dominant pulse
when it wakes up. You can choose between two resynchronization durations: 11 recessive
bits if the FSYN bit of the CSR is set or 128*11 recessive bits if not (See ST72511 datasheet
p.113).
If the cell resynchronizes after leaving bus-off state, it will wait 128*11 recessive bits, whatever
the value of FSYN may be.
To send data, a buffer has to be selected first by writing to the Page Selection Register (See
datasheet p. 114). Then it has to be locked for transmission by setting the LOCK bit in the
Buffer Control/Status Register (See datasheet p.116: LOCK bit and RDY bit). Then data can
be written in the buffer registers: identifier, data length code, data bytes. Writing in the seventh
data register starts transmission.
Received data is automatically stored in one of the buffers configured for reception (LOCK bit
reset) each time a message identifier matches the hardware filters of the pCAN cell, and pro-
vided that this buffer is marked as free (RDY bit reset. See datasheet p.116: LOCK bit and
RDY bit). The masks/filters can be configured through the Filter/Mask High/Low Registers
(See datasheet p.117).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com