Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1105 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 17Page - STMicroelectronics AN1105 Datasheet HTML 18Page - STMicroelectronics AN1105 Datasheet HTML 19Page - STMicroelectronics AN1105 Datasheet HTML 20Page - STMicroelectronics AN1105 Datasheet HTML 21Page - STMicroelectronics AN1105 Datasheet HTML 22Page - STMicroelectronics AN1105 Datasheet HTML 23Page - STMicroelectronics AN1105 Datasheet HTML 24Page - STMicroelectronics AN1105 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
21/100
ST7 pCAN PERIPHERAL DRIVER
{CAN_RUN,CAN_STANDBY,CAN_BUS_ACTIVE,CAN_BUS_PASSIVE,CAN_BUS_OFF}CAN_Status;
Describes the different states of the cell.
typedef enum {CFALSE=0,CTRUE=1}CAN_Bool;
Custom Boolean type variable.
typedef enum {BUS_WAKEUP,SOFT_WAKEUP}WakeUp_Cause;
Possible parameters of the CAN_Sleep and CAN_Switch_Off functions. (See Section 2.1.5.2
"Functions".)
typedef
enum{CAN_SLEEP_ERROR,CAN_SLEEP_SUCCESS,CAN_SWITCH_ON_SUCCES,CAN_SWITCH_ON_FA
ILURE}CAN_Switch_Error;
Possible values returned by CAN_Sleep, CAN_Switch_Off and CAN_Switch_On functions
(See Section 2.1.5.2 "Functions")
typedef enum {CAN_INIT_SUCCESS,CAN_INIT_FAILURE}CAN_Init_Error;
Possible values returned by CAN_First_Init function (See Section 2.1.5.2 "Functions")
typedef enum
{CAN_TRANSMIT_SUCCESS,CAN_TRANSMIT_FAILURE,CAN_TRANSMIT_NO_MSG,CAN_FIFO_FULL
,CAN_TRANSMIT_BUFFER_FULL,CAN_TRANSMISSION_ERROR_IT}CAN_Transmit_Error;
Error codes used in Transmission functions.(See Section 2.1.5.2 "Functions")
typedef enum
{CAN_RECEIVE_SUCCESS,CAN_RECEIVE_REMOTE,CAN_ILLEGAL_IDENTIFIER,CAN_FILTERING
_FAILURE,CAN_RECEIVE_FAILURE,CAN_BUFFER_IN_USE,CAN_NO_BUFFER,CAN_RCV_BUFFER_
NOT_READY}CAN_Receive_Error;
Error codes used in Reception functions. (See Section 3.2.2 "Internal Routines").
Note: With some compilers, an option is used to define the size, in bytes, of enum-type variables. We rec-
ommend selecting 1 byte, if possible, to save memory space.
You can see in which case the different error codes are returned by the functions by studying
the flow charts in Section 3.2.2 "Internal Routines" for internal functions and Section 3.1 "User
interface functions" for user interface functions.
You also find this information in the arrays of Section 2.1.5.2 "Functions" for user-interface
routines and Section 3.2.2 "Internal Routines" for internal routines.
2.1.5.2 Functions
CAN_Init_Error CAN_First_Init(void):
Input
--
Output
Error status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com