Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1105 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1105
Description  ST7 pCAN PERIPHERAL DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1105 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1105 Datasheet HTML 4Page - STMicroelectronics AN1105 Datasheet HTML 5Page - STMicroelectronics AN1105 Datasheet HTML 6Page - STMicroelectronics AN1105 Datasheet HTML 7Page - STMicroelectronics AN1105 Datasheet HTML 8Page - STMicroelectronics AN1105 Datasheet HTML 9Page - STMicroelectronics AN1105 Datasheet HTML 10Page - STMicroelectronics AN1105 Datasheet HTML 11Page - STMicroelectronics AN1105 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8/100
ST7 pCAN PERIPHERAL DRIVER
Figure 3. CAN Remote Frame
1.2.3 CAN Error Frame
The CAN Error frame is sent by a node as soon as it detects a protocol violation in the current
operations on the bus. This frame is composed of 6 successive dominant bits (active error
flag) or recessive (passive error flag), followed by 8 recessive Frame Delimiter bits. The cur-
rent error state of the node sending the error frame (See Section 1.5 "Error Management") will
determine whether it is an active frame (node in error active state) or a passive frame (node in
error passive state).
1.2.4 CAN Overload Frame
The CAN Overload Frame can be sent during the interframe space to delay the next transmis-
sion on the bus. This frame has the same constitution as the active Error frame.
Figure 4. CAN Error/Overload Frame
1.3 PHYSICAL REPRESENTATION OF DATA
The CAN data is encoded with NRZ (Non Return to Zero) code. The two logical levels used
are named dominant (0) and recessive (1). Because the CAN cells are connected on the bus
according to the wired-AND principle, it follows that the default bus state is recessive, and that
19 bits
25 bits
11-bit Identifier
DLC
15 bits
Bus Idle
3 bits
7 bits
EOF
ACK
CRC Field
Control
Field
Arbitration Field
D
R
SOF
RTR = 1
IDE = 0
ACK Delimiter
ACK Slot
CRC
Delimiter
Interframe
Space
3 bits
Bus Idle or Data Frames
8 bits
Interframe
Space
Error/Overload
Delimiter
Max. 12 bits
Error/Overload
6 bits
R
D
Data Frame
Error Detection
Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com