Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2834 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2834 Datasheet HTML 1Page - STMicroelectronics AN2834 Datasheet HTML 2Page - STMicroelectronics AN2834 Datasheet HTML 3Page - STMicroelectronics AN2834 Datasheet HTML 4Page - STMicroelectronics AN2834 Datasheet HTML 5Page - STMicroelectronics AN2834 Datasheet HTML 6Page - STMicroelectronics AN2834 Datasheet HTML 7Page - STMicroelectronics AN2834 Datasheet HTML 8Page - STMicroelectronics AN2834 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
September 2013
DocID15067 Rev 2
1/45
AN2834
Application note
How to get the best ADC accuracy in STM32Fx Series and
STM32L1 Series devices
Introduction
The STM32Fx Series and STM32L1 Series microcontroller families embed up to four
advanced 12-bit ADCs (depending on the device). A self-calibration feature is provided to
enhance ADC accuracy versus environmental condition changes.
In applications involving analog-to-digital conversion, ADC accuracy has an impact on the
overall system quality and efficiency. To improve this accuracy, you need to understand the
errors associated with the ADC and the parameters affecting them.
ADC accuracy does not depend on ADC performance and features alone, it depends on the
overall application design around the ADC.
This application note aims to help understanding of ADC errors and how to enhance ADC
accuracy. It is divided into three main parts:
 a simplified description of ADC internal structure to aid understanding of ADC operation
and related ADC parameters
 explanations of the different types and sources of ADC errors related to the ADC design
and to external ADC parameters such as the external hardware design
 recommendations on how to minimize these errors, focusing on hardware and software
methods
This document applies to the products listed in Table 1 which are referred to as STM32x
throughout this document.
Table 1. Applicable products
Product family
Part numbers
Microcontrollers
– STM32F0xx
– STM32F1xx
– STM32F2xx
– STM32F3xx
– STM32F4xx
– STM32L1xx
www.st.com


Similar Part No. - AN2834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
This application note describes the electronic lamp ballast for 70 W high intensity discharge
13-May-2010
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
Modern motion control applications need more flexibility that can be addressed
22-Jul-2009
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
Positive to negative buck-boost converter
26-Feb-2009
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
35 W wide-range high power factor flyback converter evaluation
20-Jan-2014
More results

Similar Description - AN2834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
Best practices in the manufacturing process
09-Jan-2014
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
How to use the BT_HTS_RX_R2
Sep-2007
AN4496 STMICROELECTRONICS-AN4496 Datasheet
371Kb / 18P
How to get a high power factor with the HVLED815PF device
08-Sep-2014
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
The document explains how to design
Rev. 1.0
AN4073 STMICROELECTRONICS-AN4073 Datasheet
528Kb / 32P
How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
02-Jul-2013
AN4654 STMICROELECTRONICS-AN4654 Datasheet
645Kb / 32P
Migrating between STM32L1 and STM32L0 series microcontrollers
29-Apr-2015
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
How to configure the Si4012
logo
Schneider Electric
IAP10S SCHNEIDER-IAP10S Datasheet
121Kb / 2P
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
IDP10S SCHNEIDER-IDP10S Datasheet
131Kb / 2P
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 25, 2022
IGP10S SCHNEIDER-IGP10S Datasheet
121Kb / 2P
Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com