Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2834 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 16Page - STMicroelectronics AN2834 Datasheet HTML 17Page - STMicroelectronics AN2834 Datasheet HTML 18Page - STMicroelectronics AN2834 Datasheet HTML 19Page - STMicroelectronics AN2834 Datasheet HTML 20Page - STMicroelectronics AN2834 Datasheet HTML 21Page - STMicroelectronics AN2834 Datasheet HTML 22Page - STMicroelectronics AN2834 Datasheet HTML 23Page - STMicroelectronics AN2834 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
How to get the best ADC accuracy
AN2834
20/45
DocID15067 Rev 2
3
How to get the best ADC accuracy
3.1
Reduce the effects of ADC-related ADC errors
The TUE is not the sum of all the errors EO, EG, EL, ED. It is the maximum deviation that can
occur between the ideal and actual digital values. It can result from one or more errors
occurring simultaneously.
As the ILE is the integral of the DLE, it can be considered as the indicator of the maximum
error. Do not add the DLE and ILE together to calculate the maximum error that may occur
at any digital step.
The maximum error values specified in the datasheet are the worst error values measured
in laboratory test environment over the given voltage and temperature range (see device
datasheet).
The ILE and DLE are dependent on the ADC design. It is difficult to calibrate them. They
can be calibrated by the measured ADC curve stored in the microcontroller memory but this
needs calibration of each individual device in final application.
Offset and gain errors can be easily compensated using the STM32x ADC self-calibration
feature or by microcontroller firmware.
3.2
Minimize ADC errors related to external environment of ADC
3.2.1
Reference voltage / Power supply noise minimization
Power supply side
Linear regulators have a better output in terms of noise. The mains must be stepped down,
rectified and filtered, then fed to linear regulators. It is highly recommended to connect the
filter capacitors to the rectifier output. Please refer to the datasheet of the used linear
regulator.
If you are using a switching power supply, it is recommended to have a linear regulator to
supply the analog stage.
It is recommended to connect capacitors with good high-frequency characteristics between
the power and ground lines. That is, a 0.1 µF and a 1 to 10 µF capacitor should be placed
close to the power source.
The capacitors allow the AC signals to pass through them. The small-value capacitors filter
high-frequency noise and the high-value capacitors filter low-frequency noise. Ceramic
capacitors are generally available in small values (1 pF to 0.1 µF) and with small voltage
ratings (16 V to 50 V). It is recommended to place them close to the main supply (VDD and
VSS) and analog supply (VDDA and VSSA) pins. They filter the noise induced in the PCB
tracks. Small capacitors can react fast to current surges and discharge quickly for fast-
current requirements.
Tantalum capacitors can also be used along with ceramic capacitors. To filter low-frequency
noise, you can use high-value capacitors (10 µF to 100 µF), which are generally electrolytic.
It is recommended to put them near the power source.
To filter high-frequency noise, you can use a ferrite inductance in series with the power
supply. This solution leads to very low (negligible) DC loss unless the current is high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com