Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2834 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 27Page - STMicroelectronics AN2834 Datasheet HTML 28Page - STMicroelectronics AN2834 Datasheet HTML 29Page - STMicroelectronics AN2834 Datasheet HTML 30Page - STMicroelectronics AN2834 Datasheet HTML 31Page - STMicroelectronics AN2834 Datasheet HTML 32Page - STMicroelectronics AN2834 Datasheet HTML 33Page - STMicroelectronics AN2834 Datasheet HTML 34Page - STMicroelectronics AN2834 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
DocID15067 Rev 2
31/45
AN2834
How to get the best ADC accuracy
44
It is also recommended to connect the analog and digital grounds in a star network. This
means that you must connect the analog and digital grounds at only one point. This
prevents the introduction of noise in the analog power supply circuit due to digital signal
switching. This also prevents current surges from affecting the analog circuit.
Using separate PCB layers for the supply and ground
Two-layer PCBs
For two-layer PCBs, it is recommended to provide a maximum ground plane area. The
power supply (VDD, VDDA) should run through thick tracks. The two layers can have
their ground shorted together via multiple connections in the overlap region if the two
layers feature the same ground signals. The unused PCB area can be used as the
ground plane.
The other convention is to connect the unused PCB area on one layer to the positive
supply (VDD) and the unused area on the other layer, to ground. The advantage is a
reduced inductance for power and ground signals. The maximum ground area provided
for ground on the PCB results in a good shielding effect and reduces the
electromagnetic induction susceptibility of the circuit.
Multilayer PCBs
Wherever possible, try to use multilayer PCBs and use separate layers on the PCB for
power and ground. The VDD and VSS pins of the various ICs can be directly connected
to the power planes, thus reducing the length of track needed to connect the supply
and ground. Long tracks have a high inductive effect. The analog ground can be
connected at one point to this ground plane. If so, it should be close to the power
supply.
A full ground plane provides good shielding and reduces the electromagnetic induction
susceptibility of the circuit.
Single-layer PCBs
Single-layer PCBs are used to save cost. They can be used only in simple applications
when the number of connections is very limited. It is recommended to fill the unused
area with ground. Jumpers can be used to connect different parts of the PCB.
3.2.13
Component placement and routing
Place the components and route the signal traces on the PCB so as to shield analog inputs.
Components like resistors and capacitors must be connected with very short leads. You can
use surface-mounted device (SMD) resistors and capacitors. You can place SMD capacitors
close to the microcontroller for decoupling purposes.
Use wide tracks for power, otherwise the series resistance of the tracks would cause a
voltage drop. Indeed, narrow power tracks have a non-negligible finite resistance, so that
high load currents through them would cause a voltage drop across them.
Quartz crystals must be surrounded by ground tracks/plane. The other side of the two-layer
PCB below the crystal should preferably be covered by the ground plane. Most crystals
have a metallic body that should be grounded. You should also place the crystal close to the
microcontroller. You can use a surface-mounted crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com