Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2834 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 33Page - STMicroelectronics AN2834 Datasheet HTML 34Page - STMicroelectronics AN2834 Datasheet HTML 35Page - STMicroelectronics AN2834 Datasheet HTML 36Page - STMicroelectronics AN2834 Datasheet HTML 37Page - STMicroelectronics AN2834 Datasheet HTML 38Page - STMicroelectronics AN2834 Datasheet HTML 39Page - STMicroelectronics AN2834 Datasheet HTML 40Page - STMicroelectronics AN2834 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
DocID15067 Rev 2
37/45
AN2834
How to get the best ADC accuracy
44
3.4.3
Minimizing added errors
Workaround for high impedance sources
To solve the added error problem, you can increase the sampling time (TS) configuring ADC
settings in MCU firmware, so that you discharge the Csh charge through the source
impedance Rin. The time constant (Rin * Csh) is the reference for choosing the sampling
time. To choose the sampling time cycles, use this formula (for max. error of 1/2 lsb, see
also Section 3.2.6):
The clock for ADC (fADC) is another important factor; slowing down the ADC clock increases
the sampling time.
Figure 35. Effect of sampling time extension
If the maximum register value of the sampling time (TS) setting is reached and the problem
is still present, you need a more complex solution which is applicable also for
measurements of source with extra high internal impedance (see the section Workaround
for extra high impedance sources below).
Note that for this application you must take into account not only the internal sampling
capacitance, but also any external parasitic capacitance (in parallel to Cext), such as: pin
capacitance, PCB path capacitance, etc.
Do not add any external capacitor (Cext) to the input pin when applying this above
workaround. Its capacity will increase the timing constant (Rin * Csh || Cext) and the problem
will remain.
TS fADC Rin Csh

2
N1
+

ln

cycles

Original sampling
time (tS)
time (tS)
Conversion time
(tC)
t
Extended sampling
ai17907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com