| Electronic Components Datasheet Search |
|
AN2834 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2834 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 45 page ![]() How to get the best ADC accuracy AN2834 28/45 DocID15067 Rev 2 3.2.8 Temperature-effect compensation One method would be to fully characterize the offset and gain drift and provide a lookup table in memory to correct measurement according to temperature change. This calibration involves additional cost and takes time. The second method consists in recalibrating the ADC when the temperature change reaches given values, by using the internal temperature sensor and the ADC watchdog. 3.2.9 Minimizing injection current Check the application to verify whether any digital or analog input voltage can be less than VSS or VSSA. If it is the case, a negative injection current will flow from the pins. The effect on the accuracy will be greater if a digital input is close to the analog input being converted. Negative current injection on any of the standard (non-robust) analog input pins should be avoided as this would significantly reduce the accuracy of the conversion being performed on another analog input. It is recommended to connect a Schottky diode between VSSA and the I/O pin that can give birth to the negative injection current. The ADC accuracy will not be affected by positive injection currents within the limits specified for IINJ(PIN) and ΣIINJ(PIN) (refer to the appropriate STM32x datasheet, I/O port characteristics section). 3.2.10 Minimizing I/O pin crosstalk The noise produced by crosstalk can be reduced by shielding the analog signal by placing ground tracks across it. Figure 27 shows the recommended grounding between signals. Figure 27. Crosstalk between I/O pins Analog in Digital I/O STM32 ai15490 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |