Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2834 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 25Page - STMicroelectronics AN2834 Datasheet HTML 26Page - STMicroelectronics AN2834 Datasheet HTML 27Page - STMicroelectronics AN2834 Datasheet HTML 28Page - STMicroelectronics AN2834 Datasheet HTML 29Page - STMicroelectronics AN2834 Datasheet HTML 30Page - STMicroelectronics AN2834 Datasheet HTML 31Page - STMicroelectronics AN2834 Datasheet HTML 32Page - STMicroelectronics AN2834 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
DocID15067 Rev 2
29/45
AN2834
How to get the best ADC accuracy
44
3.2.11
EMI-induced noise reduction
You can reduce EMI noise using proper shielding and layout techniques. The possible
sources of emission must be physically separated from the receptors. They can be
separated electrically by proper grounding and shielding.
Shielding technique
Placing ground tracks alongside sensitive analog signals provides shielding on the PCB.
The other side of the two-layer PCB should also have a ground plane. This prevents
interference and I/O crosstalk affecting the signal. See Figure 28.
Signals coming from distant locations (like sensors, etc.) should be connected to the PCB
using shielded cable. Care should be taken to minimize the length of the paths of these
types of signal on the PCB.
The shield should not be used to carry the ground reference from the sensor or analog
source to the microcontroller. A separate wire should be used as ground. The shield should
be grounded at only one place near the receiver such as the analog ground of the
microcontroller. Grounding the shield at both ends (source and receiver) might lead to the
creation of ground loops, with the result of current flowing through the shield. In this case,
the shield acts like an antenna and the purpose of the shielding is lost.
The shielding concept also applies to grounding the chassis of the application if it is metallic.
And it also helps remove EMI and EMC interference. In this case the mains earth ground is
used to shield the chassis. Similarly DC ground can be used for shielding in case of the
earth ground not being available.
Figure 28. Shielding technique
ADC
ADC
Ground
loop
Not recommended
Recommended
Sensor
Shielded cable
Sensor
Do not ground the shield at both ends
Ground the shield at the receiver end only
ai15491



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com