| Electronic Components Datasheet Search |
|
AN2834 Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2834 Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 45 page ![]() How to get the best ADC accuracy AN2834 30/45 DocID15067 Rev 2 3.2.12 PCB layout recommendations Separating the analog and digital layouts It is recommended to separate the analog and digital circuitry on the PCB (see Figure 29). This also avoids tracks crossing each other. The tracks carrying digital signals may introduce high-frequency noise in analog signals because of coupling. The digital signals produce high-frequency noise because of fast switching. Coupling of a capacitive nature is formed due to the metal connections (tracks) separated by the dielectric provided by the PCB base (glass, ceramic or plastic). It is recommended to use different planes for analog and digital grounds. If there is a lot of analog circuitry then an analog ground plane is recommended. The analog ground must be placed below the analog circuitry. Figure 29. Separating the analog and digital layouts Separating the analog- and digital-circuit power supplies It is desirable to have separate analog and digital power supplies in cases where there is a lot of analog and digital circuits external to the microcontroller (see Figure 30). Depending on the STM32x package, different analog and digital power supply and ground pins are available. The VDDA/VREF+ and VDD pins can be powered from separate power supplies. If you use a switching-type power supply for the digital circuitry, you should use a separate linear supply for the analog circuit. Also, if you expect a lot of noise on the DC power supply due to I/O switching etc., it is preferable to use a separate supply for the analog circuit. Figure 30. Separating the analog and digital supplies Digital circuitry Analog circuitry STM32 Power supply Analog ground Digital ground plane plane (Noise generator) (Affected by noise) ai15492 VDDA VREF+ VSSA STM32 VREF- VDD Vout1 Vout2 GND VSS SMPS Linear regulator Analog Circuit Star Network ai15493 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |