Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2834 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 23Page - STMicroelectronics AN2834 Datasheet HTML 24Page - STMicroelectronics AN2834 Datasheet HTML 25Page - STMicroelectronics AN2834 Datasheet HTML 26Page - STMicroelectronics AN2834 Datasheet HTML 27Page - STMicroelectronics AN2834 Datasheet HTML 28Page - STMicroelectronics AN2834 Datasheet HTML 29Page - STMicroelectronics AN2834 Datasheet HTML 30Page - STMicroelectronics AN2834 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
DocID15067 Rev 2
27/45
AN2834
How to get the best ADC accuracy
44
3.2.7
Source frequency condition vs. source and parasitic capacitors
The external capacitance will not allow the analog input voltage to be exactly the same as
VAIN if the capacitor is not fully charged by the analog source.
If the analog input signal changes, then the analog signal frequency (FAIN) should be such
that the time period of this analog signal is at least: 10 × RAIN × (CAIN + Cp).
TAIN = analog signal time period = 1/FAIN.
We have:
Therefore:
For example:
For RAIN = 25 k, CAIN = 7 pF, Cp = 3 pF, this gives:
Thus, the maximum frequency of the source will be:
.
So for the above defined source characteristics (capacitance and resistance), the frequency
of the source must not exceed 400 kHz, otherwise the ADC conversion result will be not
accurate.
Figure 26. Recommended values for RAIN and CAIN vs. source frequency FAIN
TAIN 10 RAIN CAIN CP
+

FAIN
1
10 RAIN CAIN CP
+

---------------------------------------------------------------------
FAINmax
1
10 25 10
3
73
+
 10
12
–
----------------------------------------------------------------------------------
=
FAINmax 400 kHz
=
0.1
1
10
100
1000
0.01
0.1
1
10
FAIN(kHz)
CAIN 10 nF
CAIN 22 nF
CAIN 47 nF
ai15489



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com