Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2834 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 20Page - STMicroelectronics AN2834 Datasheet HTML 21Page - STMicroelectronics AN2834 Datasheet HTML 22Page - STMicroelectronics AN2834 Datasheet HTML 23Page - STMicroelectronics AN2834 Datasheet HTML 24Page - STMicroelectronics AN2834 Datasheet HTML 25Page - STMicroelectronics AN2834 Datasheet HTML 26Page - STMicroelectronics AN2834 Datasheet HTML 27Page - STMicroelectronics AN2834 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
How to get the best ADC accuracy
AN2834
24/45
DocID15067 Rev 2
Note:
The voltage on VREF+ may range between 2.4 V and VDDA.
Figure 23. Selecting the reference voltage
Using a preamplifier
If the measured signal is too small (in comparison with the ADC range) then it is good to use
an external preamplifier. This method can be implemented with STM32x devices delivered
in all packages, and more specifically so in packages that do not have the VREF+ input.
For example, if the measured signal varies between 0 V to 1 V and VDDA is 3 V, the signal
can be amplified so that its peak-to-peak amplitude is similar to the VDDA value. The gain
will then be equal to 3. Figure 24 illustrates this example.
This amplifier can adapt the input signal range to the ADC range. It can also insert offsets
between the input signal and the ADC input. Care must be taken in the preamplifier design
not to generate additional errors (for example additional offset, amplifier gain stability,
linearity, frequency response, etc.).
Figure 24. Preamplification
t
t
Digital
Output
4095
2.5
------------- V
in
=
Digital
Output
4095
3.3
------------- V
in
=
2.5 V
(3102h)
VREF+ = 3.3 V
(4095h)
V
unused ADC
transition range
VREF+ = 2.5 V
(4095h)
V
Change VREF+
value from
3.3 V to 2.5 V
ai15600
t
t
Digital
Output
4095
3
V
in
=
Digital
Output
4095
3
------------- V
in
=
1 V
(1365h)
VDDA = 3 V
(4095h)
V
unused ADC
transition range
Input signal max
value is 3 V
(4095h)
V
G = 3
ai15601
Before amplification
G
After amplification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com