Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 8Page - STMicroelectronics AN3955 Datasheet HTML 9Page - STMicroelectronics AN3955 Datasheet HTML 10Page - STMicroelectronics AN3955 Datasheet HTML 11Page - STMicroelectronics AN3955 Datasheet HTML 12Page - STMicroelectronics AN3955 Datasheet HTML 13Page - STMicroelectronics AN3955 Datasheet HTML 14Page - STMicroelectronics AN3955 Datasheet HTML 15Page - STMicroelectronics AN3955 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
Overview
AN3955
12/68
Doc ID 022017 Rev 1
3.3
SRIX4K product overview
The SRIX4K is an STMicroelectronics contactless tag powered by an RF field. It contains
a 4-kbit EEPROM memory that can be accessed by using RF commands.
For more information about low-level commands to handle a tag and an upper level to read,
write or lock memory, refer to the SRIX4K datasheeet.
SRIX4K is compliant with ISO/IEC 14443-3 Type B frame format specification.
3.4
Library overview
The library described in this application note is composed of three layers:
●
A low-level layer supporting the commands described in the CR95HF datasheet. This
level is fully supported by the CR95HF library.
●
An intermediate layer based on the ISO/IEC 14443-3 protocol. This layer is divided in
two files, one for Type A and another for Type B.
●
An upper layer supporting the commands described in the SRIX4K datasheet.
The library can be downloaded from STMicroelectronics internet site at http://www.st.com.
Figure 2 shows an example of application architecture and describes the interaction
between a typical user application and the CR95HF library layers.
Figure 2.
Interaction between typical user application and CR95HF library layers
MS19951V1
User functions
(user application specific)
Standard peripheral driver
(MCU specific layer)
CR95HF library
CR95HF library layer
(integrates the commands defined in CR95HF datasheet)
Protocol layer (embeds commands defined in the ISO/IEC 14443-3 specification)
ISO14443_3 type A library layer
ISO14443_3 type B library layer
Product layer (embeds commands defined in the product datasheet)
SRiX4K layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com