Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 36Page - STMicroelectronics AN3955 Datasheet HTML 37Page - STMicroelectronics AN3955 Datasheet HTML 38Page - STMicroelectronics AN3955 Datasheet HTML 39Page - STMicroelectronics AN3955 Datasheet HTML 40Page - STMicroelectronics AN3955 Datasheet HTML 41Page - STMicroelectronics AN3955 Datasheet HTML 42Page - STMicroelectronics AN3955 Datasheet HTML 43Page - STMicroelectronics AN3955 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
ISO/IEC 14443-3 layers
AN3955
40/68
Doc ID 022017 Rev 1
5.2
ISO/IEC 14443-3 Type B layer
The ISO/IEC 14443-3 Type B layer is composed of:
●
the lib_iso14443B.c source file
●
the lib_iso14443B.h include file
5.2.1
ISO/IEC 14443-3 Type B command format
The ISO/IEC 14443-3 Type B specification defines the following command frame:
with:
SOF: Start of Frame
Data: 1 byte or more
CRC: 2 bytes
EOF: End of Frame
5.2.2
EOF and SOF
The EOF and SOF are managed by CR95HF.
5.2.3
Data management
The command code and data must be managed by the user application.
5.2.4
ISO/IEC 14443-3 Type B CRC16 management
The ISO/IEC 14443-3 Type B specification defines a two-byte CRC. It is appended to RF
commands to check the data transmission between CR95HF and a contactless tag.
The bit number 0 of a parameter byte of ProtocolSelect command controls the CRC. When
this bit is set to 1, the CR95HF appends the CRC to all RF commands.
The ProtocolSelect command sets this bit, thus the CR95HF manages the CRC.
5.2.5
Functions of ISO/IEC 14443-3 Type B layer
Table 57 describes the function to configure the CR95HF to communicate with an ISO/IEC
14443 Type B contactless tag.
SOF
Data
CRC
EOF
Table 57.
ISO/IEC14443-3 Type B configuration function description
Function
Description
ISO14443B_ProtocolSelect
Configures CR95HF to communicate with an ISO/IEC
14443 Type B contactless tag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com