Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 39Page - STMicroelectronics AN3955 Datasheet HTML 40Page - STMicroelectronics AN3955 Datasheet HTML 41Page - STMicroelectronics AN3955 Datasheet HTML 42Page - STMicroelectronics AN3955 Datasheet HTML 43Page - STMicroelectronics AN3955 Datasheet HTML 44Page - STMicroelectronics AN3955 Datasheet HTML 45Page - STMicroelectronics AN3955 Datasheet HTML 46Page - STMicroelectronics AN3955 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
43/68
5.2.8
ISO/IEC 14443-3 Type B command function
These functions send an ISO/IEC 14443-3 Type B RF command to a contactless tag and
check the CR95HF response.
The ISO14443B_REQB function sends an REQB command to a contactless tag. Table 64
describes the ISO14443B_REQB function if an REQB command is sent.
Table 64.
ISO14443B_REQB function description
The ISO14443B_WUPB function sends a WUPB command to a contactless tag. Table 65
describes the ISO14443B_WUPB function if a WUPB command is sent.
Table 65.
ISO14443B_WUPB function description
The ISO14443B_SlotMarker function sends a SlotMarker command to a contactless tag.
Table 66 describes the ISO14443B_SlotMarker function.
Table 66.
ISO14443B_SlotMarker function description
Prototype
int8_t ISO14443B_REQB(uc8 AFIin,uc8 Param,
uint8_t *pResponse);
Input parameter
AFIin: An AFI byte (Application Family Identifier) represents the type of
targeted application.
Param: PARAM byte
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: Function is successful. The REQB command is successfully
transmitted to a contactless tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an errror
code.
Prototype
int8_t ISO14443B_WUPB(uc8 AFIin,uc8 Param,
uint8_t *pResponse);
Input parameter
AFIin: AFIbyte (Application Family identifier) represents the type of
targeted application.
Param: PARAM byte
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: Function is successful. The WUPB command is
successfully emitted to a contactless tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an errror
code.
Prototype
int8_t ISO14443B_SlotMarker(uc8 SlotNumber,
uint8_t *pResponse);
Input parameter
SlotNumber: Slot number value (4 bits) between 1 and 15
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: Function is successful. The command is successfully
emitted to a contactless tag.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an errror
code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com