Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 38Page - STMicroelectronics AN3955 Datasheet HTML 39Page - STMicroelectronics AN3955 Datasheet HTML 40Page - STMicroelectronics AN3955 Datasheet HTML 41Page - STMicroelectronics AN3955 Datasheet HTML 42Page - STMicroelectronics AN3955 Datasheet HTML 43Page - STMicroelectronics AN3955 Datasheet HTML 44Page - STMicroelectronics AN3955 Datasheet HTML 45Page - STMicroelectronics AN3955 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
ISO/IEC 14443-3 layers
AN3955
42/68
Doc ID 022017 Rev 1
5.2.6
CR95HF configuration function
The CR95HF configuration function sends a ProtocolSelect command to the CR95HF
device to select the ISO/IEC 14443-3 Type B protocol. The transmission and reception data
rates are integrated in the command. This command turns on the RF field.
Table 62 describes the ISO14443B_ProtocolSelect function.
Note:
The Bit 0 (Append CRC) is automatically set inside this function enabling the CR95HF to
manage the CRC of the RF command.
For more information, refer to Section 5.2.4: ISO/IEC 14443-3 Type B CRC16 management.
5.2.7
ISO/IEC 14443-3 Type B Set function
The ISO14443B_SetParamByte function returns PARAM byte, which is the result of the
concatenation of the input parameters. A PARAM byte is an input parameter of REQB and
WUPB commands.
Table 63 describes the ISO14443B_SetParamByte function.
Table 63.
ISO14443B_SetParamByte function description
Table 62.
ISO14443B_ProtocolSelect function description
Prototype
int8_t ISO14443B_ProtocolSelect (uc8TxDataRate,
uc8 RxDataRate, uint8_t*pResponse);
Input parameter
TxDataRate: Transmission data rate (2 bits)
RxDataRate: Reception data rate (2 bits)
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: Function is successful.The ISO14443-4 Type B protocol is
selected.
ISO14443B_ERRORCODE_PARAMETER: One parameter is incorrect.
CR95HF_ERROR_CODE: Function failed. The ISO 14443_4 Type B
protocol is not selected.
Prototype
int8_t ISO14443B_SetParamByte(uc8ExtendedBit,
uc8 REQBWUPBbit, uc8NumberOfSlots);
Input parameter
ExtendedBit: Indicates the PCD capability to support an extended ATQB
response.
REQBWUPBbit: This bit defines either REQB (0) or WUPB (1).
NumberOfSlots: Number of slots
Output parameter
None
Return parameter
PARAM: PARAM byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com