Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 15Page - STMicroelectronics AN3955 Datasheet HTML 16Page - STMicroelectronics AN3955 Datasheet HTML 17Page - STMicroelectronics AN3955 Datasheet HTML 18Page - STMicroelectronics AN3955 Datasheet HTML 19Page - STMicroelectronics AN3955 Datasheet HTML 20Page - STMicroelectronics AN3955 Datasheet HTML 21Page - STMicroelectronics AN3955 Datasheet HTML 22Page - STMicroelectronics AN3955 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
AN3955
CR95HF low level layer
Doc ID 022017 Rev 1
19/68
Table 11 describes the SendRecv command in ISO/IEC 14443-3 Type B case.
Table 11.
SendRecv command in ISO/IEC 14443-3 Type B case
For more information, refer to CR95HF datasheet.Table 12 describes the CR95HF success
response value for ISO/IEC 14443-3 Type A.
Parameter name
Byte
Bit
Value
Comments
Example
Command Code
0
7:0
0x04
-
REQB command:
0x040305000
Length
1
7:0
0xXX
Length of entire
data
Data
2:X
7:0
0xXX
Data
Table 12.
CR95HF success response value for ISO/IEC 14443-3 Type A
Parameter
name
Byte
Bit
Value
Comments
Example
Result
Code
0
7:0 0x04
Success code
0X80054400280000
where:
80
: success
05
: Number of bytes
4400
: ATQA
28
: CRC error(1) &
Number of significant
bits: 8
00 00
: No collision
detected
1.
CRC error bit is set but there is no CRC on ATQA response. So this bit is not significant.
Length
1
7:0 0xXX
Number of bytes of Data
+ control bytes
Data
2:X 7:0 0xXX
Contactless tag response
Control
bytes
X+1
7
1: CR95HF has
detected a collision
0: No collision detected
Collision between two
contactless tag
responses
60
RFU
5
1: CRC error
0: No CRC error
CRC error on contactless
response
4
1: Parity error
0: No Parity error
Parity error on
contactless response
3:0
Number of significant bits
in the first byte(2)
2.
Since the ISO/IEC 14443-3 Type A is a bit-oriented protocol, CR95HF can receive a non integer amount of
bytes.
X+2 7:0 0xXX
Index of the first byte
where the collision is
detected(3)
3.
To calculate the point of collision between two contactless tag responses, the user application must refer to
the control bytes. The byte where the collision is detected is indicated by Control Byte X+2 (Index of first
byte), and the specific bit in the byte where the collision is detected is indicated by Control Byte X+3 (Index
of first bit). Both indices start from 0 and the bit index can be 8, meaning that the collision affected parity.
This information is only valid if the Collision Dectected bit (Bit 7 of control Byte X+1) is set.
X+3 7:4 0b000
RFU
3:0 0bXXXX
Index of the first bit where
the collision is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com