Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 23Page - STMicroelectronics AN3955 Datasheet HTML 24Page - STMicroelectronics AN3955 Datasheet HTML 25Page - STMicroelectronics AN3955 Datasheet HTML 26Page - STMicroelectronics AN3955 Datasheet HTML 27Page - STMicroelectronics AN3955 Datasheet HTML 28Page - STMicroelectronics AN3955 Datasheet HTML 29Page - STMicroelectronics AN3955 Datasheet HTML 30Page - STMicroelectronics AN3955 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
27/68
5.1.3
Parity bit management
The parity bit of a standard frame is managed by the CR95HF.
5.1.4
ISO/IEC 14443-3 Type A CRC16 management
The ISO/IEC 14443-3 Type A specification defines a two-byte CRC. It is appended to some
RF commands to check the data transmission between CR95HF and a contactless tag.
The 5th bit of the transmission flag of SendRecv command controls the CRC. When this bit
is set to 1, the CR95HF appends the CRC to RF commands.
Table 26 lists the ISO/IEC 14443-3 Type A commands and notifies if a CRC is required. The
functions of ISO/IEC 14443-3 Type A layer listed in Table 26 manage the transmission flag
and the CRC.
If the user application does not use the previous functions, it has to manage the CRC by
using bit 5 of the transmission flag.
Table 26.
ISO/IEC 14443-3 Type A commands
ISO/IEC 14443-3
Type A command
CRC
SendRecv
example
Comments
ISO/IEC 14443_A function
REQA
No
04 02 26 07
Command on 7
bits without
CRC
ISO14443A_REQA
WUPA
No
04 02 52 07
Command on 7
bits without
CRC
ISO14443A_WUPA
HLTA
Yes
04 03 50 00 28
The last byte
has 8 bits with
CRC
ISO14443A_HLTA
Anticollision
No
04 02 93 20 08
The last byte
has 8 bits
without CRC
ISO14443A_AntiCollisionLevelX
Select
Yes
04 02 93 70
88...28
The last byte
has 8 bits with
CRC
ISO14443A_SelectLevelX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com