Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 16Page - STMicroelectronics AN3955 Datasheet HTML 17Page - STMicroelectronics AN3955 Datasheet HTML 18Page - STMicroelectronics AN3955 Datasheet HTML 19Page - STMicroelectronics AN3955 Datasheet HTML 20Page - STMicroelectronics AN3955 Datasheet HTML 21Page - STMicroelectronics AN3955 Datasheet HTML 22Page - STMicroelectronics AN3955 Datasheet HTML 23Page - STMicroelectronics AN3955 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
CR95HF low level layer
AN3955
20/68
Doc ID 022017 Rev 1
CR95HF returns a specific correct code for ACK or NAK contactless response, coded on 4
bits, as described in Table 13.
Table 13.
Specific success code for ACK or NAK contactless response
Table 14 describes the CR95HF success response value for ISO/IEC 14443-3 Type B.
For more information, refer to CR95HF datasheet.
If CR95HF_SendRecv function fails, the CR95HF returns an error code in the pResponse
parameter (see Table 15). As an example, if no contactless tag is present in the RF field, the
CR95HF response is 0x8700.
For more information about CR95HF error code, refer to CR95HF datasheet.
Parameter name
Byte
Bit
Value
Comments
Result Code
0
7:0
0x90
Success code
Length
1
7:0
0x04
Number of valid bits: 4
Data
2:X
7:0
0x01: NAK
0x05: NAK
0x0A: ACK
Contactless tag response
Table 14.
CR95HF success response value for ISO/IEC 14443-3 Type B
Parameter
name
Byte
Bit
Value
Comments
Example
Result Code
0
7:0
0x80
Success code
0x800F50AA0B000500
000000B371716A2100
where:
80:
Success
0F:
Number of byte
50AA0B000500000000
B371716A21:
ATQB
00:
CRC Ok
Length
1
7:0
0xXX
Number of bytes of
Data + control bytes
Data
2:X
7:0
0xXX
Contactless tag
response
Control
bytes
X+1
7:2
0b0000
RFU
1
1:
CRC error
0:
no CRC error
CRC error or
contactless
response
0
-RFU
Table 15.
CR95HF error response value for ISO/IEC 14443-3 Type A and B
Parameter name
Byte
Bit
Value
Example
Result code
0
7:0
0x08
0x8700
: no contactless
tag in the field
Length
1
7:0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com