Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 29Page - STMicroelectronics AN3955 Datasheet HTML 30Page - STMicroelectronics AN3955 Datasheet HTML 31Page - STMicroelectronics AN3955 Datasheet HTML 32Page - STMicroelectronics AN3955 Datasheet HTML 33Page - STMicroelectronics AN3955 Datasheet HTML 34Page - STMicroelectronics AN3955 Datasheet HTML 35Page - STMicroelectronics AN3955 Datasheet HTML 36Page - STMicroelectronics AN3955 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
AN3955
ISO/IEC 14443-3 layers
Doc ID 022017 Rev 1
33/68
The ISO14443A_SelectLevel3 function sends a Select (level 3) command to a
contactless tag. Table 42 describes the ISO14443A_SelectLevel3 function.
Table 42.
ISO14443A_SelectLevel3 function description
The ISO14443A_SelectSequence function described in Section 5.1.11: ISO/IEC 14443-
3 Type A Advanced functions carries out a whole sequence using the Select and
Anticollision commands.
For more information, refer to Section 5.1.5: Functions of ISO/IEC 14443_A layer.
5.1.8
ISO/IEC 14443-3 Type A Split function
The ISO14443A_SplitATQA function splits the ATQA contactless tag response. Table 43
describes the ISO14443A_SplitATQA function.
Table 43.
ISO14443A_Split ATQA function description
Prototype
int8_t ISO14443A_SelectLevel3 (uc8 NbByteUIDin,
uc8*UIDin, uint8_t*pResponse);
Input parameter
NbByteUIDin: Number of bytes of the UIDin parameter
UIDin: Pointer of a contacless tag UID
Output parameter
pResponse: Pointer to the CR95HF response
Return parameter
RESULTOK: The Select (level 3)command is successfully emitted to
contactless tag.
ISO14443A_ERRORCODE_PARAMETER: NbByteUIDin is incorrect.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error
code.
Prototype
int8_t ISO14443A_SplitATQA (uint8_t
*ReaderResponse, uint8_t*ProprietaryCoding,
uint8_t*UIDsizeframe, uint8_t*BitFrameAnticol,
uint8_t*CR95HFControlByteIndex);
Input parameter
ReaderResponse: Pointer of the CR95HF response
Output parameter
ProprietaryCoding: Proprietary coding (4 bits)
UIDsizeframe: UID size bit frame (2 bits): 0 for single UID size, 1 for double
UID size, 2 for triple UID size
BitFrameAnticol: Bit frame anti-collision (5 bits)
CR95HFControlByteIndex: Index on control byte of CR95HF response (3
bytes)
Return parameter
RESULTOK: Function is successful.
CR95HF_ERROR_CODE: Function failed. The CR95HF returns an error
code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com