Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 14Page - STMicroelectronics AN3955 Datasheet HTML 15Page - STMicroelectronics AN3955 Datasheet HTML 16Page - STMicroelectronics AN3955 Datasheet HTML 17Page - STMicroelectronics AN3955 Datasheet HTML 18Page - STMicroelectronics AN3955 Datasheet HTML 19Page - STMicroelectronics AN3955 Datasheet HTML 20Page - STMicroelectronics AN3955 Datasheet HTML 21Page - STMicroelectronics AN3955 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
CR95HF low level layer
AN3955
18/68
Doc ID 022017 Rev 1
4.7
SendRecv function
The CR95HF_SendRecv function sends a SendRecv command. The CR95HF encodes the
frame, transmits it at 13.56 MHz, and decodes the contactless tag response.
The contactless tag response is then sent back in the pResponse parameter.
The Parameters input depends on the selected protocol. This application note applies to
ISO/IEC 14443-3 Type A and ISO/IEC 14443-3 Type B products.
Table 10 describes the SendRecv command in ISO/IEC 14443-3 Type A case.
Table 10.
SendRecv command in ISO/IEC 14443-3 Type A case
Table 9.
CR95HF_SendRecv function description
Prototype
result = int8_t CR95HF_SendRecv (uc8
Length,uc8 *Parameters,uint8_t *pResponse)
Input parameter
Length: Number of bytes in Parameters input
Parameters input: Pointer to data
Output parameter
pResponse : Pointer to CR95HF response
Return parameter
CR95HF_ERRORCODE_PARAMETER: Function failed
CR95HF_SUCCESS_CODE: Function is successful.
CR95HF_ERRORCODE_PARAMETERLENGTH: Parameter
length is incorrect.
Parameter name
Byte
Bit
Value
Comments
Example
Command Code
0
7:0
0x04
-
REQA command:
0x04022607
with
26:
Data (REQA
command code)
07:
number
of significant bits
(REQA is coded on 7
bits)
Length
1
7:0
0xXX
Number of Data
bytes and
transmission flag
Data
2:X
7:0
0xXX
Data
Transmission flag
X+1
7
-RFU
6
0b0
Split frame
5
1: CR95HF
appends CRC
0: CR95HF
does not
append CRC
Append CRC
4
0b0
RFU
3:0
0xX
Number of
significant bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com