Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3955 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3955
Description  This document describes
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3955 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3955 Datasheet HTML 13Page - STMicroelectronics AN3955 Datasheet HTML 14Page - STMicroelectronics AN3955 Datasheet HTML 15Page - STMicroelectronics AN3955 Datasheet HTML 16Page - STMicroelectronics AN3955 Datasheet HTML 17Page - STMicroelectronics AN3955 Datasheet HTML 18Page - STMicroelectronics AN3955 Datasheet HTML 19Page - STMicroelectronics AN3955 Datasheet HTML 20Page - STMicroelectronics AN3955 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
AN3955
CR95HF low level layer
Doc ID 022017 Rev 1
17/68
Table 7 describes the ProtocolSelect command in ISO/IEC 14443-3 Type A case.
Table 8 describes the ProtocolSelect command in ISO/IEC 14443-3 Type B case.
Table 8.
CR95HF_ProtocolSelect ISO14443-3 Type B protocol parameter
Table 7.
CR95HF_ProtocolSelect ISO/IEC 14443-3 Type A protocol parameter
Parameter name
Byte
Bit
Value
Example
Command Code
0
7:0
0x02
0x02020200
ISO/IEC 14443-3 Type
A with reception and
transmission data
rates at 106 kbps
Length
1
7:0
0x02
Protocol
2
7:0
0x02
: ISO/IEC 14443-3 Type A
protocol
Parameter
3
7:6
Transmission data rate
5:4
Reception data rate
3:0
RFU
5:4
7:0
FWT= (256*16/fc)*(2*PP)*(MM+1)(1) (2)
where “PP” represents byte 4 and “MM”
byte 5.
1.
Optional. If not specify default FWT~86 µs
2.
PP <= 0x0E and 0x01 <= MM <= 0xFE
Parameter name Byte
Bit
Value
Example
Command Code
0
7:0
0x02
0x02020301
ISO/IEC 14443-3 Type
B with reception and
transmission data
rates at 106 kbps
The CR95HF
manages the CRC.
Length
1
7:0
0x02
Protocol
2
7:0
0x03
: ISO/IEC 14443-3 Type B protocol
Parameter
3
7:6
Transmission data rate
5:4
Reception data rate
3:0
RFU
0
Append CRC
1: CR95HF appends CRC
0: CR95HF does not append CRC
5:4
7:0
FWT= (256*16/fc)*(2*PP)*(MM+1)(1) (2)
where “PP” represents byte 4 and “MM”
byte 5.
1.
Optional. If not specify default FWT~300µs.
2.
PP <= 0x0E and 0x01 <= MM <= 0xFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com