Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 56 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 52Page - STMicroelectronics UM0851 Datasheet HTML 53Page - STMicroelectronics UM0851 Datasheet HTML 54Page - STMicroelectronics UM0851 Datasheet HTML 55Page - STMicroelectronics UM0851 Datasheet HTML 56Page - STMicroelectronics UM0851 Datasheet HTML 57Page - STMicroelectronics UM0851 Datasheet HTML 58Page - STMicroelectronics UM0851 Datasheet HTML 59Page - STMicroelectronics UM0851 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 245 page
background image
Communication device drivers
UM0851
56/245
Doc ID 16604 Rev 2
Figure 11.
MACB diagram
The statistics register block contains registers for counting various types of event associated
with transmit and receive operations. These registers, along with the status words stored in
the receive buffer list, enable software to generate network management statistics
compatible with IEEE 802.3 Clause 30.
The control registers drive the MDIO interface, setup up DMA activity, start frame
transmission and select modes of operation such as full or half duplex. The register interface
is compatible with the AMBA APB bus standard.
The receive block checks for valid preamble, FCS, alignment and length, and presents
received frames to the address checking block and DMA interface
The transmit block takes data from the DMA interface, adds preamble and, if necessary, pad
and FCS, and transmits data according to the CSMA/CD (carrier sense multiple access with
collision detect) protocol. The start of transmission is deferred if CRS (carrier sense) is
active. If COL (collision) becomes active during transmission, a jam sequence is asserted
and the transmission is retried after a random back off. CRS and COL have no effect in full
duplex mode.
The DMA block connects to external memory through its AMBA AHB or ASB bus interface. It
contains receive and transmit FIFOs for buffering frame data. It loads the transmit FIFO and
empties the receive FIFO using AHB or ASB bus master operations. Receive data is not
sent to memory until the address checking logic has determined that the frame should be
copied.
Receive or transmit frames are stored in one or more buffers. Receive buffers have a fixed
length of 128 bytes. Transmit buffers range in length between 0 and 2047 bytes, and up to
128 buffers are permitted per frame. The DMA block manages transmit and receive frame-
buffer queues. These queues can hold multiple frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com