Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 68 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 64Page - STMicroelectronics UM0851 Datasheet HTML 65Page - STMicroelectronics UM0851 Datasheet HTML 66Page - STMicroelectronics UM0851 Datasheet HTML 67Page - STMicroelectronics UM0851 Datasheet HTML 68Page - STMicroelectronics UM0851 Datasheet HTML 69Page - STMicroelectronics UM0851 Datasheet HTML 70Page - STMicroelectronics UM0851 Datasheet HTML 71Page - STMicroelectronics UM0851 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 245 page
background image
Communication device drivers
UM0851
68/245
Doc ID 16604 Rev 2
Note:
Examples in this document show configuration options for basic USB support as well as the
commonly needed options, for example a USB mass storage device (most cameras and
USB pen drives).
make menuconfig options
Device Drivers--->
SCSI device support--->
(Although SCSI will be enabled automatically when selecting USB Mass Storage,we need
to enable disk support.)
---
SCSI support type (disk, tape, CD-ROM)
<*>
SCSI disk support
(Then Move a Level Back and Go into USB Support)
USB support--->
(This is the root hub and is required for USB support. If you'd like to compile this
as a module, it will be called usbcore.)
<*> Support for Host-side USB
(Enable this option if your system has the host side bus and wants to use USB devices
and also
to see your USB devices in /proc/bus/usb. This is recommended.)
[*]
USB device filesystem
(Select at least one of the HCDs. If you are unsure, picking all is fine.)
--- USB Host Controller Drivers
<*> EHCI HCD (USB 2.0) support
<*> OHCI HCD support
(Moving a little further down, we come to CDC and mass storage.)
<*> USB Modem (CDC ACM) support
<> USB Printer support
<*> USB Mass Storage support
CONFIG_ USB_OHCI_HCD
The OHCI is the standard for accessing USB 1.1 Host
controller hardware. Since the USB Host controller hardware
for SPEAr follows the OHCI Specification, enable this option.
CONFIG_ USB_STORAGE
Enable this option to connect a USB mass storage device to
the host USB port. The option depends on SCSI support being
enabled.
CONFIG_SCSI
Enable this option to use a SCSI hard disk, a SCSI tape drive,
a SCSI CD-ROM or any other SCSI device under Linux. USB
mass storage devices follow SCSI protocol, and hence this
option should be enabled over USB mass storage devices.
CONFIG_USB_ACM
This driver supports USB modems and ISDN adapters which
support thecommunication device class abstract control model
interface.
CONFIG_NET
Required for enabling USB modem support
CONFIG_USB_USBNET
Multi-purpose USB networking framework
CONFIG_USB_NET_CDCETHER
This option supports devices conforming to the communication
device class (CDC) Ethernet control model
CONFIG_HID_SUPPORT
Options for various computer-human interface device drivers.
CONFIG_HID
This option compiles into kernel the generic HID layer code
(parser, usages, etc.), which can then be used by transport-
specific HID implementation (like USB or Bluetooth).
Table 21.
USB host configurations (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com