Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 34Page - STMicroelectronics UM0851 Datasheet HTML 35Page - STMicroelectronics UM0851 Datasheet HTML 36Page - STMicroelectronics UM0851 Datasheet HTML 37Page - STMicroelectronics UM0851 Datasheet HTML 38Page - STMicroelectronics UM0851 Datasheet HTML 39Page - STMicroelectronics UM0851 Datasheet HTML 40Page - STMicroelectronics UM0851 Datasheet HTML 41Page - STMicroelectronics UM0851 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 245 page
background image
Platform section
UM0851
38/245
Doc ID 16604 Rev 2
24:
244
spear-vic
uart-pl011
26:
0
spear-vic
spear-ssp.0
27:
0
spear-vic
spear-ssp.1
28:
0
spear-vic
spear-i2c
36:
0
spear-vic
<NULL>
37:
0
spear-vic
spear-ssp.2
42:
1
spear-vic
spear-dmac
44:
29164
spear-vic
spear-snor
50:
0
spear-vic
rtc0
51:
0
spear-vic
<NULL>
57:
0
spear-vic
spear-udc
58:
3
spear-vic
ohci_hcd:usb3
59:
102
spear-vic
ehci_hcd:usb1
60:
1
spear-vic
ohci_hcd:usb4
61:
0
spear-vic
ehci_hcd:usb2
Err:
0
3.3
Real time clock (RTC) driver
3.3.1
Hardware overview
The Real-time clocks (RTC) is used to keep track of days, dates and time, including
century, year, month, hour, minutes and seconds. It supports the use of a battery switchover
circuit, enabling it to keep track of time even when power is off.
Features:
●
Time-of-day clock in 24 hours mode
●
Calendar
●
Alarm capability
●
Self-isolation mode, which allows RTC to work even with no power supplied at the rest
of the device.
Table 12.
Format of interrupt source list
IRQ No
No of interrupts
Interrupt string passed in request_irq
44
29164
spear-snor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com