Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 92 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 88Page - STMicroelectronics UM0851 Datasheet HTML 89Page - STMicroelectronics UM0851 Datasheet HTML 90Page - STMicroelectronics UM0851 Datasheet HTML 91Page - STMicroelectronics UM0851 Datasheet HTML 92Page - STMicroelectronics UM0851 Datasheet HTML 93Page - STMicroelectronics UM0851 Datasheet HTML 94Page - STMicroelectronics UM0851 Datasheet HTML 95Page - STMicroelectronics UM0851 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 245 page
background image
Communication device drivers
UM0851
92/245
Doc ID 16604 Rev 2
return after completion of transfer.*/
return spi_sync(spi, &m);
}
4.6.4
Un-registering the driver
On module exit, the SPI slave driver must be un-registered with the SPI framework. This is
accomplished by calling spi_unregister_driver(&eeprom_driver).
4.6.5
Known issues or limitations
There are some known issues with the current controller driver and current slave drivers.
●
The SPI controller supports data transfer with EEPROM chip up to 1 MHz in interrupt
mode. Actually, the depth of the Tx FIFO is 8 bytes/half words. Transmit interrupt
comes at half FIFO empty condition. Therefore, if the speed is 2 MHz, then it will take
only 16 us to transmit 4 bytes of data. However, interrupt latency in Linux is around 16
us. Therefore, by the time the interrupt handler passes more data to the FIFO, the older
data is completely transmitted. The timeout for the EEPROM chip is one clock cycle. So
the data transfer is terminated at that point.
●
The SPI controller supports data transfer with EEPROM chip up to 21 MHz in DMA
mode.
4.6.6
SPI device driver performance
The performance measurement has been performed using:
●
Hardware: ARM926EJS (333MHz), SPEAr600 and SPEAr300 boards.
●
Kernel: linux-2.6.27
4.6.7
Configuration options
4.6.8
References
●
SPI master framework in linux "drivers/spi/ and include/linux/spi/" for Linux 2.6.27
●
SPEAr SPI driver "drivers/spi/spr_ssp_pl022.c" and "drivers/spi/spr_ssp_pl022.h".
●
SPI master framework documentation Documentation/spi / folder.
Table 30.
SPI driver configuration options
Configuration option
Comment
CONFIG_SPI_MASTER
This option enables the SPI Master framework in
Linux.
CONFIG_SPEAR_SSP_MASTER_PL022
This option enables the SPEAr SPI PL022 driver.
CONFIG_SPI_EEPROM
This option enables the EEPROM driver
CONFIG_SPI_SPIDEV
This option enables the PIDEV driver.
CONFIG_SPEAR_DMAC_PL080
This option enables the SPI transfers in DMA
mode by enabling support for SPEAr DMAC
PL080 driver.
CONFIG_SPI_DEBUG
This option enables SPI debug prints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com