Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 50 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 46Page - STMicroelectronics UM0851 Datasheet HTML 47Page - STMicroelectronics UM0851 Datasheet HTML 48Page - STMicroelectronics UM0851 Datasheet HTML 49Page - STMicroelectronics UM0851 Datasheet HTML 50Page - STMicroelectronics UM0851 Datasheet HTML 51Page - STMicroelectronics UM0851 Datasheet HTML 52Page - STMicroelectronics UM0851 Datasheet HTML 53Page - STMicroelectronics UM0851 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 245 page
background image
Communication device drivers
UM0851
50/245
Doc ID 16604 Rev 2
configured should be sufficient to handle the excess traffic, otherwise there is a possibility of
retransmissions or packet losses.
Packet transmission
Whenever the kernel needs to transmit a data packet, it calls the driver's hard_start_xmit()
method to put the data on an outgoing queue. The socket buffer passed to hard_start_xmit()
contains the physical packet as it should appear on the media, complete with the
transmission-level headers. The interface does not need to modify the data being
transmitted. skb->data points to the packet being transmitted, and skb->len is its length in
octets.
The transmission function in the SPEAr driver initializes DMA Descriptors to point to the
relevant socket buffer to be transmitted. As soon as the transmission is complete, the TX
completed interrupt is received, where a transmission tasklet is scheduled for freeing up the
socket buffers being used for transfers, and reinitializing some of the parameters of the DMA
descriptors.
4.1.5
GMAC driver usage
Usage of ifconfig command
The "ifconfig" command allows the operating system to setup the network interfaces and the
user to view information about the configured interfaces.
●
To configure the network IP address:
#ifconfig eth0 192.168.1.1 netmask 255.255.255.0
#ifconfig eth0
eth0
Link encap:Ethernet
HWaddr 08:00:17:0b:92:10
inet addr:192.168.1.1
Bcast:192.168.1.255 Mask:255.255.255.0
UP BROADCAST RUNNING MULTICAST
MTU:1500
Metric:1
RX packets:0 errors:0 dropped:0 overruns:0 frame:0
TX packets:0 errors:0 dropped:0 overruns:0 carrier:0
collisions:0 txqueuelen:32
RX bytes:0 (0.0 B)
TX bytes:0 (0.0 B)
●
To configure the MTU size:
ifconfig eth0 mtu <size>
/* If the user sets the mtu size as 4000 and then gives following command */
#ifconfig eth0
eth0
Link encap:Ethernet
HWaddr 08:00:17:0b:92:10
inet addr:192.168.1.1
Bcast:192.168.1.255
Mask:255.255.255.0
UP BROADCAST RUNNING MULTICAST
MTU:4000
Metric:1
RX packets:0 errors:0 dropped:0 overruns:0 frame:0
TX packets:0 errors:0 dropped:0 overruns:0 carrier:0
collisions:0 txqueuelen:32
RX bytes:0 (0.0 B)
TX bytes:0 (0.0 B)
Note:
The maximum MTU size for SPEAr600 is 4000 and the for SPEAr300 is 9000
●
To shutdown the interface and reactivate it:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com