Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 45Page - STMicroelectronics UM0851 Datasheet HTML 46Page - STMicroelectronics UM0851 Datasheet HTML 47Page - STMicroelectronics UM0851 Datasheet HTML 48Page - STMicroelectronics UM0851 Datasheet HTML 49Page - STMicroelectronics UM0851 Datasheet HTML 50Page - STMicroelectronics UM0851 Datasheet HTML 51Page - STMicroelectronics UM0851 Datasheet HTML 52Page - STMicroelectronics UM0851 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
49/245
Note:
The maximum MTU size for SPEAr600 is 4000 and for SPEAr300 is 9000.
●
void (*set_multicast_list)(struct net_device *dev);
Method called when the multicast list for the device changes and when the flags
change.
4.1.4
Concept of socket buffers
Each packet handled by the kernel is contained in a socket buffer structure (struct sk_buff),
whose definition is found in <linux/skbuff.h>. The structure gets its name from the Unix
abstraction used to represent a network connection, the socket. Even if the interface has
nothing to do with sockets, each network packet belongs to a socket in the higher network
layers, and the input/output buffers of any socket are lists of struct sk_buff. The same struct
sk_buff is used to host network data throughout all the Linux network subsystems, but a
socket buffer is just a packet as far as the interface is concerned. A pointer to struct sk_buff
is usually called skb. This practice is used both in the sample code and in the text.
The skb buffers used for the reception or transmission must guarantee cache coherency.
These buffers are allocated in the cached memory regions and therefore there is a
possibility that the memory data is not in synch with cache. The driver uses the following
calls for cache coherency:
dma_addr_t dma_map_single(struct device *dev, void *ptr, size_t size,enum
dma_data_direction dir);
/* Depending upon the directions of the data transfer the above function either
invalidates or clean the cache contents.
If the argument dir in the above function is set as DMA_FROM_DEVICE, this argument
may do nothing in the above function but invalidates the cache when used in
dma_unmap_single. If the argument dir is set to DMA_TO_DEVICE, it cleans the cache.
Cleaning a cache reestablishes coherence between the cached memory and the main
memory */
void dma_unmap_single(struct device *dev, dma_addr_t dma_addr, size_t size,enum
dma_data_direction dir);
/* The call to the above function is made when the packet has been received, to see
if a mapped address was really a "safe" buffer and if so, copy the data from the safe
buffer back to the unsafe buffer and free up the safe buffer.
*/
Packet reception
Receiving data from the network is trickier than transmitting it, because a struct sk_buff
must be allocated and handed off to the upper layers within an atomic context. The mode of
packet reception that has been implemented is interrupt driven.
There is a common interrupt registered for both reception and transmission. When the
packet is received a tasklet is scheduled for handing the packet to the upper stacks, as the
packet has been fetched by DMA into the memory buffers. The scheduled tasklet executes
not later than the next timer tick. This scheduling allows to handle more packets in a more
efficient way.
One important thing to note over here is that since the packet handling to the stack is done
through tasklet, it keeps the DMA descriptor occupied till the packet is handed over to the
stack. In case of heavy Ethernet traffic at high speeds, the number of DMA descriptors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com