Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 99 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 95Page - STMicroelectronics UM0851 Datasheet HTML 96Page - STMicroelectronics UM0851 Datasheet HTML 97Page - STMicroelectronics UM0851 Datasheet HTML 98Page - STMicroelectronics UM0851 Datasheet HTML 99Page - STMicroelectronics UM0851 Datasheet HTML 100Page - STMicroelectronics UM0851 Datasheet HTML 101Page - STMicroelectronics UM0851 Datasheet HTML 102Page - STMicroelectronics UM0851 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
99/245
fractional number enabling you to use any clock with a frequency >3.6864 MHz as the
reference clock.
●
Standard asynchronous communication bits (start, stop and parity). These are added
prior to transmission and removed on reception.
●
Support for direct memory access (DMA).
●
Support of the modem control functions CTS, DCD, DSR, RTS, DTR, and RI.
●
Programmable hardware flow control.
●
Fully-programmable serial interface characteristics:
–
Data can be 5, 6, 7, or 8 bits
–
Even, odd, stick, or no-parity bit generation and detection
–
1 or 2 stop bit generation
–
Baud rate generation, dc up to UARTCLK_max_freq/16
The most common use of the UART is to communicate to a PC serial port using the RS-232
(recommended standard 232) protocol.
RS-232 is a standard electrical interface for serial communications. RS-232 actually comes
in 3 different flavors (A, B, and C) with each one defining a different voltage range for the on
and off levels. The most commonly used variety is RS-232C, which defines a mark (on) bit
as a voltage between -3V and -12V and a space (off) bit as a voltage between +3V and
+12V.
Figure 25.
The interface between UART and RS-232
4.8.2
Software overview
UART drivers service another kernel layer, the TTY layer. I/O system calls start their journey
above top-level line disciplines and finally ripple down to UART drivers through the TTY
layer.
The data flow between the user space and the serial device driver, therefore, is mediated by
the TTY layer, that implements functionalities that are common to all TTY-type devices.
APB
APB
Interface
UART
RS-232
RTS
DTR
DSR
RXD
TXD
CTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com