Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 101 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 97Page - STMicroelectronics UM0851 Datasheet HTML 98Page - STMicroelectronics UM0851 Datasheet HTML 99Page - STMicroelectronics UM0851 Datasheet HTML 100Page - STMicroelectronics UM0851 Datasheet HTML 101Page - STMicroelectronics UM0851 Datasheet HTML 102Page - STMicroelectronics UM0851 Datasheet HTML 103Page - STMicroelectronics UM0851 Datasheet HTML 104Page - STMicroelectronics UM0851 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
101/245
"/dev/ttyS0" or
"/dev/ttyS1" in case of SPEAr 600
The flags argument is an int that specifies how the file is to be opened;
the main values are
O_RDONLY open for reading only
O_WRONLY open for writing only
O_RDWR open for both reading and writing
The perms argument is always zero for the uses of open. */
fd = open(name, flags, perms);
Configure
The serial interface is used for changing parameters such as baud rate, character size, and
so on. The first thing you need to do is to include the file <termios.h>.
Here we use the ioclt() system calls. It takes three arguments:
IOCTL() system call
/* The fd argument specifies the serial port file descriptor
The request argument is a constant defined in the <termios.h> header file and
is typically one of the constants listed in Table 4.
The 3rd argument depends upon the particular control request, but it shall be
either an integer or a pointer to a device-specific data structure. */
int ioctl(int fd, int request, ... /*arg*/ );
Setting the baud rate
The cfsetospeed() and cfsetispeed() functions are provided to set the baud rate in the
termios structure regardless of the underlying operating system interface. These are user
level functions which do not implement any system calls.
/* TCGETS and struct termios fill all the current termios parameters like
baudrate etc.*/
ioctl (fd, TCGETS, &termios);
Table 32.
IOCTL requests for serial ports
Request
Description
TCGETS
Gets the current serial port settings.
TCSETS
Sets the serial port settings immediately.
TCSETSF
Sets the serial port settings after flushing the input and output
buffers.
TCSETSW
Sets the serial port settings after allowing the input and output
buffers to drain/empty.
TCSBRK
Sends a break for the given time.
TCXONC
Controls software flow control.
TCFLSH
Flushes the input and/or output queue.
TIOCMGET
Returns the state of the "MODEM" bits.
TIOCMSET
Sets the state of the "MODEM" bits.
FIONREAD
Returns the number of bytes in the input buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com