Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 105 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 101Page - STMicroelectronics UM0851 Datasheet HTML 102Page - STMicroelectronics UM0851 Datasheet HTML 103Page - STMicroelectronics UM0851 Datasheet HTML 104Page - STMicroelectronics UM0851 Datasheet HTML 105Page - STMicroelectronics UM0851 Datasheet HTML 106Page - STMicroelectronics UM0851 Datasheet HTML 107Page - STMicroelectronics UM0851 Datasheet HTML 108Page - STMicroelectronics UM0851 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
105/245
4.9
CAN driver
CAN is a message based protocol designed specifically for automotive applications, but now
also used in other areas such as industrial automation and medical equipment.
This section describes the driver for the SPEAr320 CAN controller.
4.9.1
Hardware overview
Note:
Available only on SPEAr320
SPEAr320 provides two independent CAN bus interfaces fully compliant to CAN 2.0
protocol specifications (both Part A and Part B) within its standard customization.
The main features provided by the CAN IP are listed below:
●
Bit rates up to 1 MBit/s
●
32 Message objects
●
Each Message object has its own identifier mask
●
Programmable FIFO mode (concatenation of message objects)
●
Maskable interrupt
●
Disabled automatic retransmission mode for time triggered CAN applications
●
Programmable loop-back mode for self-test operation
CAN IPs in SPEAr support the following test modes. The test mode is entered by setting bit
test in the CAN control register to one. In test mode, the bits Tx1, Tx0, LBack, Silent and
Basic in the test register are writable:
●
Silent mode
–
In this mode, the IP is able to receive valid data frames and valid remote frames,
but it sends only recessive bits on the CAN bus and it cannot start a transmission.
–
It can be used to analyze the traffic on a CAN bus without affecting it by the
transmission of dominant bits (acknowledge bits, error frames).
●
Loopback mode
–
In loop back mode, the CAN core treats its own transmitted messages as received
messages and stores them (if they pass acceptance filtering) into a receive buffer.
●
Loopback combined with silent mode
This mode can be used for a "hot self test", meaning the CAN IP can be tested without
affecting a running CAN system connected to the pins CAN_TX and CAN_RX.
●
Basic mode
In this mode the CAN IP runs without the Message RAM.
Note:
For further details please refer to SPEAr320 user manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com