Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 98 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 94Page - STMicroelectronics UM0851 Datasheet HTML 95Page - STMicroelectronics UM0851 Datasheet HTML 96Page - STMicroelectronics UM0851 Datasheet HTML 97Page - STMicroelectronics UM0851 Datasheet HTML 98Page - STMicroelectronics UM0851 Datasheet HTML 99Page - STMicroelectronics UM0851 Datasheet HTML 100Page - STMicroelectronics UM0851 Datasheet HTML 101Page - STMicroelectronics UM0851 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 245 page
background image
Communication device drivers
UM0851
98/245
Doc ID 16604 Rev 2
4.7.5
Configuration options
4.7.6
References
●
MMC framework in Linux “drivers/mmc/ and include/linux/mmc/” for Linux 2.6.27
●
SPEAr Arasan SDIO controller driver “drivers/mmc/host/spr_arasan_sdio.c” and
“drivers/mmc/host/spr_arasan_sdio.h”.
4.8
UART driver
4.8.1
Hardware overview
The UART (universal asynchronous receiver/transmitter) (ARM PL011) is an advanced
microcontroller bus architecture (AMBA) compliant system-on-ship (SoC) peripheral that is
developed, tested and licensed by ARM. It is commonly used to implement serial
communication.
The UART is an AMBA slave module that connects to the advanced peripheral bus (APB).
UART is one of the most commonly used serial interface peripherals. It is intended to
perform:
●
Serial-to-parallel conversion on data received from a peripheral device
●
Parallel-to-serial conversion on data transmitted to the peripheral device.
UART PL011 provides the following features:
●
Programmable use of UART or IrDA SIR input/output.
●
Separate 16x8 transmit and 16x12 receive first-In, first-out memory buffers (FIFOs) to
reduce CPU interrupts.
●
Programmable baud rate generator. This enables division of the reference clock by
(1x16) to (65535 x16) and generates an internal x16 clock. The divisor can be a
Table 31.
SDIO configuration options
Configuration option
Comment
CONFIG_MMC
This option enables MMC framework support in Linux.
CONFIG_ MMC_BLOCK
This option enables MMC block device driver support
CONFIG_ MMC_TEST
This option enables the MMC test driver. It is a
development driver that performs a series of reads and
writes to a memory card in order to expose certain well
known bugs in host controllers.
CONFIG_ SPEAR_SDIO_ARASAN
This option enables SPEAr ARASAN SDIO host
controller support.
CONFIG_ MMC_DEBUG
This option enables MMC debugging prints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com