Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 113 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 109Page - STMicroelectronics UM0851 Datasheet HTML 110Page - STMicroelectronics UM0851 Datasheet HTML 111Page - STMicroelectronics UM0851 Datasheet HTML 112Page - STMicroelectronics UM0851 Datasheet HTML 113Page - STMicroelectronics UM0851 Datasheet HTML 114Page - STMicroelectronics UM0851 Datasheet HTML 115Page - STMicroelectronics UM0851 Datasheet HTML 116Page - STMicroelectronics UM0851 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 245 page
background image
UM0851
Communication device drivers
Doc ID 16604 Rev 2
113/245
HDLC controller features:
●
Compliant with ISO/IEC13239
●
Standard HDLC frame code/decode
●
Tx channel features:
–
Automatic Inter-Frame Fill (IFF) generation (0x7E or 0xFF)
–
Automatic flag generation
–
Selectable CRC generation
–
Automatic contention resolution, RS485 which sends bit ‘0’ first occupies the bus.
RS485 which loses the bus will restart the frame transmitting automatically as
soon as the bus becomes idle.
–
Delay between Tx data and echo data is configurable
–
Priority class penalty configurable
●
Rx channel feature:
–
Automatic flag detection
–
Programmable address recognition
–
Automatic inter-frame fill (IFF) detection (0x7E or 0xFF)
–
Storing CRC received into external memory is configurable
●
Exception report
4.10.2
Software overview
From the software view, the programming models for the TDM/E1 HDLC and RS485 HDLC
controllers are very similar in several aspects. Both of them use similar DMA descriptor
structure, similar interrupt queue and so on. So TDM/E1 HDLC and RS485 HDLC share the
same driver code in Linux
.
There is a generic HDLC layer in the Linux kernel. The general HDLC layer for Linux is an
interface between low-level hardware drivers for synchronous serial (HDLC) cards and the
rest of kernel networking. It exposes the HDLC interface as a network device. With this
design, it is very easy to use and test the HDLC interface
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com