Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 120 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 116Page - STMicroelectronics UM0851 Datasheet HTML 117Page - STMicroelectronics UM0851 Datasheet HTML 118Page - STMicroelectronics UM0851 Datasheet HTML 119Page - STMicroelectronics UM0851 Datasheet HTML 120Page - STMicroelectronics UM0851 Datasheet HTML 121Page - STMicroelectronics UM0851 Datasheet HTML 122Page - STMicroelectronics UM0851 Datasheet HTML 123Page - STMicroelectronics UM0851 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 245 page
background image
Communication device drivers
UM0851
120/245
Doc ID 16604 Rev 2
4.10.7
Test utilities
●
setslot
A utility to assign timeslot for HDLC channel. Only useful for TDM/E1 port.
Usage: setslot IF DIR SLOT
IF := hdlcx
DIR := [-]tx/rx ('-' for remove)
SLOT := [0-127]
Example :
# setslot hdlc0 tx 0
TDM/E1:ch0: TS 0 => Chan 0
# setslot hdlc1 tx 1,2
TDM/E1:ch1: TS 1 => Chan 1
TDM/E1:ch1: TS 2 => Chan 1
# setslot hdlc0 rx 0,2-5
TDM/E1:ch0: RS 0 => Chan 0
TDM/E1:ch0: RS 2 => Chan 0
TDM/E1:ch0: RS 3 => Chan 0
TDM/E1:ch0: RS 4 => Chan 0
TDM/E1:ch0: RS 5 => Chan 0
# setslot hdlc1 -tx 1,2
TDM/E1:ch1: Remove Tx TS 1
TDM/E1:ch1: Remove Tx TS 2
# setslot hdlc0 -rx 2-4
TDM/E1:ch0: Remove Rx TS 2
TDM/E1:ch0: Remove Rx TS 3
TDM/E1:ch0: Remove Rx TS 4
●
sethdlc
A utility to set HDLC mode. See sethdlc README for detail information.
Example : # sethdlc hdlc0 hdlc
●
hdlctest
A utility to do HDLC transmitting and receiving test.
Usage: hdlctest (hdlcX | hdlcX:hdlcY) [number_of_packets [packet_size [test_patten]]]
It supports two port tests. If only one port is specified, the tool both transmits and
receives on this port. It two ports are specified, the tool transmits on the first ports and
try to receive on the second port.
4.10.8
List HDLC channels
The HDLC channels are just a network devices in Linux. Use ifconfig command to see them.
Example :
# ifconfig -a
hdlc0
Link encap:UNSPEC
HWaddr 00-00-00-00-00-00-00-00-00-00-00-00-00-00-00-00
POINTOPOINT NOARP
MTU:1500
Metric:1
RX packets:0 errors:0 dropped:0 overruns:0 frame:0
TX packets:0 errors:0 dropped:0 overruns:0 carrier:0
collisions:0 txqueuelen:7
RX bytes:0 (0.0 B)
TX bytes:0 (0.0 B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com