Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0851 Datasheet(PDF) 162 Page - STMicroelectronics

Part # UM0851
Description  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 158Page - STMicroelectronics UM0851 Datasheet HTML 159Page - STMicroelectronics UM0851 Datasheet HTML 160Page - STMicroelectronics UM0851 Datasheet HTML 161Page - STMicroelectronics UM0851 Datasheet HTML 162Page - STMicroelectronics UM0851 Datasheet HTML 163Page - STMicroelectronics UM0851 Datasheet HTML 164Page - STMicroelectronics UM0851 Datasheet HTML 165Page - STMicroelectronics UM0851 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 245 page
background image
Accelerator engine device drivers
UM0851
162/245
Doc ID 16604 Rev 2
else if (pid > 0)
// parent
{
jpegread();
wait(0);
}
else
// failed to fork
{
printf("Cant create child\n");
exit(1);
}
}
6.1.3
JPEG device driver performance
The JPEG driver performance has been measured in the following environment:
●
Hardware: ARM926EJS (333 MHz), SPEAr600, SPEAr300, SPEar310 and SPEAr320
evaluation boards.
●
Kernel: linux-2.6.27
Configuration options
6.1.4
References
●
SPEAr JPEG Driver "drivers/char/spr_jpeg_syn.c, drivers/char/spr_jpeg_syn.h and
include/linux/spr_jpeg_syn_usr.h"
6.2
General purpose DMA (DMAC) driver
All SPEAr MPUs are equipped with a general purpose DMA Controller which provides
several DMA channels that can be used to off load the CPU from some of the memory
copying tasks. This section describes the details of the DMAC driver.
6.2.1
Hardware overview
Direct memory access (DMA) allows certain subsystems within the SPEAr MPU to access
system memory for reading and/or writing independently of the CPU and to transfer data
without subjecting the CPU to a heavy overhead.
Table 43.
JPEG driver configuration options
Configuration option
Comment
CONFIG_SPEAR_JPEG_SYN
This option enables the SPEAr JPEG driver.
CONFIG_SPEAR_JPEG_SYN_DEBUG
This option enables debug prints in the JPEG
driver.
CONFIG_SPEAR_DMAC_PL080
This option must be selected for JPEG
operations. This will enable the DMA driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com