Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 4Page - STMicroelectronics AN4488 Datasheet HTML 5Page - STMicroelectronics AN4488 Datasheet HTML 6Page - STMicroelectronics AN4488 Datasheet HTML 7Page - STMicroelectronics AN4488 Datasheet HTML 8Page - STMicroelectronics AN4488 Datasheet HTML 9Page - STMicroelectronics AN4488 Datasheet HTML 10Page - STMicroelectronics AN4488 Datasheet HTML 11Page - STMicroelectronics AN4488 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Power supplies
AN4488
8/44
DocID026304 Rev 3
2.1.3
Voltage regulator
The voltage regulator is always enabled after reset. It works in three different modes
depending on the application modes.
•
in Run mode, the regulator supplies full power to the 1.2 V domain (core, memories
and digital peripherals)
•
in Stop mode, the regulator supplies low power to the 1.2 V domain, preserving the
contents of the registers and SRAM
•
in Standby mode, the regulator is powered down. The contents of the registers and
SRAM are lost except for those concerned with the Standby circuitry and the Backup
domain.
Note:
Depending on the selected package, there are specific pins that should be connected either
to VSS or VDD to activate or deactivate the voltage regulator. Refer to section “Voltage
regulator “ in datasheet for details.
2.2
Power supply schemes
The circuit is powered by a stabilized power supply, VDD.
Caution:
The VDD voltage range is 1.8 V to 3.6 V (down to 1.7 V with some restrictions, see relative
DataSheets for details)
•
The VDD pins must be connected to VDD with external decoupling capacitors: one
single Tantalum or Ceramic capacitor (min. 4.7 µF typ.10 µF) for the package + one
100 nF Ceramic capacitor for each VDD pin.
•
The VBAT pin can be connected to the external battery (1.65 V < VBAT < 3.6 V). If no
external battery is used, it is recommended to connect this pin to VDD with a 100 nF
external ceramic decoupling capacitor.
•
The VDDA pin must be connected to two external decoupling capacitors (100 nF
Ceramic + 1 µF Tantalum or Ceramic).
•
The VREF+ pin can be connected to the VDDA external power supply. If a separate,
external reference voltage is applied on VREF+, a 100 nF and a 1 µF capacitors must
be connected on this pin. In all cases, VREF+ must be kept between (VDDA-1.2 V) and
VDDA with minimum of 1.7 V.
•
must be kept between 1.65 V and VDDA.
•
Additional precautions can be taken to filter analog noise:
–VDDA can be connected to VDD through a ferrite bead.
–The VREF+ pin can be connected to VDDA through a resistor (typ. 47 Ω).
•
For the voltage regulator configuration, there is specific BYPASS_REG pin (not
available on all packages) that should be connected either to VSS or VDD to activate or
deactivate the voltage regulator specific.
–
Refer to Section 2.3.6 and section "Voltage regulator" of the related device
datasheet for details.
•
When the voltage regulator is enabled, VCAP1 and VCAP2 pins must be connected to
2*2.2 µF LowESR < 2
Ω Ceramic capacitor (or 1*4.7 µF LowESR < 1Ω Ceramic
capacitor if only VCAP1 pin is provided on some packages).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com