Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 8Page - STMicroelectronics AN4488 Datasheet HTML 9Page - STMicroelectronics AN4488 Datasheet HTML 10Page - STMicroelectronics AN4488 Datasheet HTML 11Page - STMicroelectronics AN4488 Datasheet HTML 12Page - STMicroelectronics AN4488 Datasheet HTML 13Page - STMicroelectronics AN4488 Datasheet HTML 14Page - STMicroelectronics AN4488 Datasheet HTML 15Page - STMicroelectronics AN4488 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Power supplies
AN4488
12/44
DocID026304 Rev 3
2.3.4
PDR_ON circuitry example
Note:
This example doesn’t apply to STM32F411xx and STM32F446xx, where PDR_ON can be
connected to VSS to permanently disable internal reset circuitry (external voltage supervisor
required on NRST pin). Anyway (thanks to backward compatibility), circuitry built for other
STM32F4xxxx products will work for STM32F411xx and STM32F446xx.
Note:
Please contact your local STMicroelectronics representative or visit www.st.com in case you
want to use circuitry different from the one described hereafter.
Restrictions:
•
PDR_ON = 0 is mostly intended for VDD supply between 1.7 V and 1.9V (i.e. 1.8V +/-
5% supply).
Supply ranges which never go below 1.8V minimum should be better managed with
internal circuitry (no additional component thanks to fully embedded reset controller).
•
To ensure safe power down, the external voltage supervisor (or equivalent) is required
to drive PDR_ON=1 during power off sequence.
When the internal reset is OFF, the following integrated features are no longer supported:
•
The integrated power-on reset (POR) / power-down reset (PDR) circuitry is disabled.
•
The brownout reset (BOR) circuitry must be disabled.
•
The embedded programmable voltage detector (PVD) is disabled.
•
VBAT functionality is no more available and VBAT pin should be connected to VDD.
Figure 5. PDR_ON simple circuitry example
(not needed for STM32F411xx and STM32F446xx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com