Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 29Page - STMicroelectronics AN4488 Datasheet HTML 30Page - STMicroelectronics AN4488 Datasheet HTML 31Page - STMicroelectronics AN4488 Datasheet HTML 32Page - STMicroelectronics AN4488 Datasheet HTML 33Page - STMicroelectronics AN4488 Datasheet HTML 34Page - STMicroelectronics AN4488 Datasheet HTML 35Page - STMicroelectronics AN4488 Datasheet HTML 36Page - STMicroelectronics AN4488 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
DocID026304 Rev 3
33/44
AN4488
Debug management
43
6.3.2
Flexible SWJ-DP pin assignment
After reset (SYSRESETn or PORESETn), all five pins used for the SWJ-DP are assigned as
dedicated pins immediately usable by the debugger host (note that the trace outputs are not
assigned except if explicitly programmed by the debugger host).
However, some of the JTAG pins shown in Table 9 can be configured to an alternate
function through the GPIOx_AFRx registers.
Table 9 shows the different possibilities to release some pins.
For more details, see the reference manual (Table 1), available from the STMicroelectronics
website www.st.com.
6.3.3
Internal pull-up and pull-down resistors on JTAG pins
The JTAG input pins must not be floating since they are directly connected to flip-flops to
control the debug mode features. Special care must be taken with the SWCLK/TCK pin that
is directly connected to the clock of some of these flip-flops.
Table 8. Debug port pin assignment
SWJ-DP pin name
JTAG debug port
SW debug port
Pin
assignmen
t
Type
Description
Type
Debug assignment
JTMS/SWDIO
I
JTAG test mode
selection
I/O
Serial wire data
input/output
PA13
JTCK/SWCLK
I
JTAG test clock
I
Serial wire clock
PA14
JTDI
I
JTAG test data input
-
-
PA15
JTDO/TRACESWO
O
JTAG test data output
-
TRACESWO if async
trace is enabled
PB3
JNTRST
I
JTAG test nReset
-
-
PB4
Table 9. SWJ I/O pin availability
Available Debug ports
SWJ I/O pin assigned
PA13 /
JTMS/
SWDIO
PA14 /
JTCK/
SWCLK
PA15 /
JTDI
PB3 /
JTDO
PB4/
JNTRST
Full SWJ (JTAG-DP + SW-DP) - reset state
X
X
X
X
X
Full SWJ (JTAG-DP + SW-DP) but without
JNTRST
XX
X
X
JTAG-DP disabled and SW-DP enabled
X
X
JTAG-DP disabled and SW-DP disabled
Released



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com