Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4488 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4488
Description  Getting started with STM32F4xxxx MCU hardware development
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4488 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4488 Datasheet HTML 10Page - STMicroelectronics AN4488 Datasheet HTML 11Page - STMicroelectronics AN4488 Datasheet HTML 12Page - STMicroelectronics AN4488 Datasheet HTML 13Page - STMicroelectronics AN4488 Datasheet HTML 14Page - STMicroelectronics AN4488 Datasheet HTML 15Page - STMicroelectronics AN4488 Datasheet HTML 16Page - STMicroelectronics AN4488 Datasheet HTML 17Page - STMicroelectronics AN4488 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Power supplies
AN4488
14/44
DocID026304 Rev 3
2.3.5
NRST circuitry example (for STM32F411xx and STM32F446xx only)
This example applies to STM32F411xx and STM32F446xx where PDR_ON can be
connected to VSS to permanently disable internal reset circuitry.
Restrictions:
•
PDR_ON = 0 is mostly intended for VDD supply between 1.7 V and 1.9V (i.e. 1.8V +/-
5% supply).
Supply ranges which never go below 1.8V minimum should be better managed by
internal circuitry (no additional component needed, thanks to fully embedded reset
controller).
•
When the internal reset is OFF, the following integrated features are no longer
supported:
–
The integrated power-on reset (POR) / power-down reset (PDR) circuitry is
disabled.
–
The brownout reset (BOR) circuitry must be disabled.
–
The embedded programmable voltage detector (PVD) is disabled.
–
VBAT functionality is no more available and VBAT pin should be connected to
VDD.
Figure 7. NRST circuitry example
(only for STM32F411xx and STM32F446xx)
Even with PDR_ON=0, during power up, the NRST is driven low by internal Reset controller
during TRSTTEMPO in order to allow stabilization of internal analog circuitry. Refer to
STM32F4xxxx datasheets for actual timing value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com